전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM25LS2519DC

  • AI
    ## AM25LS2519DC: Technical Overview The **AM25LS2519DC** is a high-performance, low-power Schottky (LS) integrated circuit developed by Advanced Micro Devices (AMD). It is categorized as a **Universal Polynomial Generator/Checker**, primarily used for error detection in data transmission and storage systems using **Cyclic Redundancy Check (CRC)**. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Device Function** | Universal Polynomial Generator / Checker (8-bit) | | **Logic Family** | Low-Power Schottky (LS) | | **Package Type** | Ceramic Dual In-Line Package (CDIP) - 20 Pin | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Supply Voltage (Vcc)** | 4.75V to 5.25V (Standard 5V) | | **Propagation Delay** | Approx. 20-30ns (Typical for LS series) | --- ### 2. Functional Description The AM25LS2519 is designed to provide error detection for serial data streams. It can implement a wide variety of CRC polynomials (such as CRC-16, CRC-CCITT, and Ethernet) by cascading multiple units or configuring internal feedback loops. #### Core Internal Components: * **8-Bit Shift Register:** Stores the remainder of the division process. * **Exclusive-OR (XOR) Gates:** Perform the modulo-2 arithmetic required for polynomial division. * **Control Logic:** Handles initialization (Reset), Data Input, and Result output. * **Three-State Outputs:** Allows the chip to interface directly with system buses. --- ### 3. Pin Configuration (Common 20-Pin Layout) | Pin Name | Function | Description | |:---|:---|:---| | **D0 - D7** | Parallel Data Inputs | Used to preset the register or input data. | | **CP** | Clock Pulse | Triggers the shift and calculation on the rising edge. | | **MR** | Master Reset | Clears the internal registers. | | **ER** | Error Output | High if the remainder is non-zero after a check. | | **SO** | Serial Output | Sends the calculated check bits (FCS) out. | | **Vcc / GND** | Power Pins | Standard 5V power supply. | --- ### 4. Applications The "DC" suffix indicates the **Ceramic DIP** packaging, which was favored in early computing and industrial hardware for its heat dissipation and durability. Typical applications included: 1. **Floppy/Hard Disk Controllers:** Ensuring data integrity during read/write operations. 2. **Network Interfaces:** Generating checksums for packets in early Ethernet or SDLC protocols. 3. **Telecommunications:** Error detection in serial bitstreams. --- ### 5. Historical Context The **LS (Low-power Schottky)** technology was a milestone in the late 70s and 80s, offering a balance between the speed of standard TTL and the low power consumption needed for dense circuit boards. While the AM25LS2519 is now considered **obsolete** (replaced by CMOS technology or integrated directly into FPGAs/ASICs), it remains a significant part of vintage computing repair and engineering history.
    ✨ Follow-up Questions
    • ⤷ How does CRC error detection differ from simple parity bits?
    • ⤷ Can this chip be used to implement custom 16-bit polynomials?
    • ⤷ What are the modern replacements for standalone CRC generator chips?