전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM25LS2519LM

  • AI
    ## AM25LS2519LM: Electronic Overview The **AM25LS2519LM** is a high-performance, Low-power Schottky (LS) integrated circuit, specifically categorized as an **8-Bit Universal Register**. Manufactured historically by Advanced Micro Devices (AMD), it is part of the 25LS series, which was designed to offer higher speeds than standard 74LS series components. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Family** | Low-power Schottky (LS) | | **Function** | 8-Bit Universal Shift/Storage Register | | **Package Type** | LCC (Leadless Chip Carrier) - denoted by "L" | | **Temperature Grade** | Military (-55°C to +125°C) - denoted by "M" | | **Operating Voltage** | 5.0V ± 10% | | **Output Type** | Three-State (3-State) | --- ### 2. Functional Components The internal architecture consists of several critical electronic sections that allow it to perform complex data handling: * **8-Bit Storage Array:** A series of eight D-type flip-flops that hold data bits. * **Three-State Outputs:** This allows the device to be connected directly to bus-oriented systems. When the output enable is disabled, the pins enter a high-impedance state, effectively disconnecting them from the bus. * **Mode Control Logic:** Internal gates that determine whether the register is performing a parallel load, shifting data, or holding data based on the state of the control pins. * **Common Clear:** An asynchronous input that resets all internal flip-flops to a logic low state regardless of the clock. --- ### 3. Pin Configuration Categories The device typically features the following functional pins: 1. **Data Inputs (D0-D7):** Parallel inputs for loading 8-bit data. 2. **Data Outputs (Q0-Q7):** The stored data values, capable of entering high-impedance. 3. **Clock (CP):** Triggers data transitions on the rising edge. 4. **Output Enable ($\overline{OE}$):** Controls whether the stored data is visible on the output pins. 5. **Master Reset ($\overline{MR}$):** Clears the register. 6. **Select Inputs (S0, S1):** Used to define the operational mode (Hold, Shift Right, Shift Left, or Parallel Load). --- ### 4. Applications Due to its **Military Grade (M)** rating and high reliability, this specific part was commonly used in: * **Avionics:** Flight control systems and cockpit instrumentation. * **Digital Signal Processing:** High-speed buffering for data streams. * **Legacy Computing:** Bus-organized memory systems and interface buffers. ---
    ✨ Follow-up Questions
    • ⤷What are the specific logic states for S0 and S1 to enable parallel loading?
    • ⤷ How does the 'LM' suffix differ from the 'PC' version of this chip?
    • ⤷ What is the typical propagation delay for the AM25LS series?