전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM25LS2519PMB

  • AI
    The **AM25LS2519PMB** is a high-performance integrated circuit (IC) belonging to the Advanced Low-Power Schottky (LS) family, specifically designed by Advanced Micro Devices (AMD). It is a **Universal Polynomial Generator/Checker**, primarily used for error detection in data transmission and storage. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Family** | AM25LS (Advanced Low-Power Schottky) | | **Function** | Universal Polynomial Generator / Checker (CRC) | | **Package Type** | PMB (Ceramic Flatpack or specialized DIP, depending on vintage) | | **Operating Voltage** | 5.0V (Typical Vcc) | | **Data Rate** | High speed (Optimized for disk controllers and telecommunications) | | **Pins** | 20-pin configuration | --- ### 2. Functional Description The AM25LS2519 is designed to provide **Cyclic Redundancy Check (CRC)** capabilities. It can generate a check character (checksum) to be appended to a data stream or verify the integrity of an incoming stream by comparing it against a received checksum. #### Core Capabilities: * **Polynomial Versatility:** It can be programmed to handle various standard polynomials (like CRC-16, CRC-CCITT) used in floppy disks, hard drives, and network protocols. * **Parallel/Serial Operation:** It allows for high-speed bit-serial processing of data. * **Error Detection:** It provides an error flag output if the calculated checksum does not match the expected value. --- ### 3. Pinout and Internal Logic While specific pin assignments should be verified against the AMD legacy datasheet, the internal architecture generally includes: 1. **Shift Register:** A 16-bit register to store the intermediate CRC value. 2. **XOR Gates:** Strategically placed logic gates to perform polynomial division. 3. **Control Inputs:** * **ERASE/CLR:** Resets the internal registers to zero or ones. * **STRB (Strobe):** Clocks the data into the chip. * **S0/S1 (Mode Select):** Selects between internal operations like Preset, Shift, or Read. --- ### 4. Applications This part was historically critical in the following areas: * **Hard Disk/Floppy Controllers:** Ensuring data written to magnetic media was not corrupted. * **Data Communications:** Verifying packets sent over serial lines. * **Legacy Computing Systems:** Used in systems requiring robust error correction before modern SOCs (System on Chips) integrated these functions. --- ### 5. Part Number Breakdown * **AM:** Advanced Micro Devices (Manufacturer). * **25LS:** Advanced Low-Power Schottky logic family (faster than 74LS). * **2519:** Specific device functional code (CRC Generator/Checker). * **PMB:** Package and screening indicator (typically "P" for Plastic/Hermetic and "MB" for Military/High-reliability grade).
    ✨ Follow-up Questions
    • ⤷ What are the standard polynomials supported by the AM25LS2519?
    • ⤷ How does Advanced Low-Power Schottky (LS) compare to standard TTL logic in terms of speed and power?
    • ⤷ What are the modern IC equivalents for CRC generation in current hardware designs?