전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM25LS2520FMB

  • AI
    The **AM25LS2520FMB** is a high-performance integrated circuit (IC) belonging to the Advanced Low-Power Schottky (LS) TTL family. It is specifically a **Ten-Bit Fully Cascadable Priority Encoder** with three-state outputs, designed primarily for military-grade applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Family** | AM25LS (Advanced Low-Power Schottky) | | **Function** | 10-Bit Priority Encoder | | **Output Type** | 3-State (Tri-state) | | **Package Type** | FMB (Typically indicates a Hermetic Flatpack for military use) | | **Operating Temp** | Military Grade (-55°C to +125°C) | | **Supply Voltage** | 5V DC (Standard TTL) | --- ### 2. Functional Description The device is designed to handle multiple input signals and output a binary representation of the highest-priority active input. * **Priority Encoding:** If multiple inputs are active simultaneously, the device only encodes the input with the highest numerical value (e.g., if input 7 and 3 are active, it outputs the code for 7). * **Cascadability:** It features "Enable Input" (EI) and "Enable Output" (EO) pins, allowing multiple chips to be linked together to handle more than 10 bits (e.g., two chips for a 20-bit encoder). * **Three-State Outputs:** The outputs can be set to a high-impedance state, allowing the device to be connected directly to bus-oriented systems without interference. --- ### 3. Pin Configuration Overview While pinouts can vary by specific package revisions, the general logic structure includes: 1. **Inputs (D0 - D9):** Ten active-low data inputs. 2. **Address Outputs (A0 - A3):** Binary encoded outputs representing the highest priority input. 3. **Enable Input (EI):** Activates the encoder when low. 4. **Group Signal (GS):** Goes low whenever any input is active (useful for indicating "data present"). 5. **Enable Output (EO):** Goes low when no inputs are active but EI is active (used for cascading). --- ### 4. Code Implementation Example (Verilog Logic) If you were to simulate the logic of the AM25LS2520 in a modern FPGA environment, the priority logic would look like this: ```verilog module priority_encoder_10bit ( input [9:0] d_in, // 10-bit input input ei, // Enable input output reg [3:0] a_out, // 4-bit encoded output output reg gs, // Group signal output reg eo // Enable output ); always @(*) begin if (ei) begin a_out = 4'b1111; gs = 1; eo = 1; // Disabled state end else if (~d_in[9]) begin a_out = 4'd9; gs = 0; eo = 1; end else if (~d_in[8]) begin a_out = 4'd8; gs = 0; eo = 1; end // ... Priority logic continues down to d_in[0] else begin a_out = 4'b1111; gs = 1; eo = 0; end end endmodule ``` --- ### 5. Common Applications * **Interrupt Controllers:** Managing multiple hardware interrupt requests in older CPU architectures. * **D/A Converters:** Serving as a logic interface for high-speed data conversion. * **Military Avionics:** Due to the "FMB" designation, it is often found in legacy aerospace or defense hardware requiring high reliability in extreme temperatures.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the LS and S versions of this encoder?
    • ⤷ How do you cascade two AM25LS2520 units to create a 20-bit encoder?
    • ⤷ What are the modern replacements for this obsolete military-grade IC?