전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM25LS2520LMB

  • AI
    ## AM25LS2520LMB: Technical Overview The **AM25LS2520LMB** is a high-performance, Low-power Schottky (LS) integrated circuit, specifically a **8-Bit Register with 3-State Outputs**. Manufactured historically by AMD (Advanced Micro Devices), it was designed for high-speed military and industrial applications requiring robust data buffering. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Logic Family** | Low-power Schottky (LS) | | **Function** | 8-Bit Register (D-Type Flip-Flops) | | **Output Type** | 3-State (High-Impedance capability) | | **Package Type** | Ceramic DIP or LCC (Military Grade) | | **Temperature Range** | -55°C to +125°C (Military) | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | --- ### Key Pin Functions & Architecture The device consists of eight edge-triggered D-type flip-flops with a common clock and specific control pins designed for bus-oriented systems: 1. **D0 - D7 (Inputs):** Data inputs to the register. 2. **Q0 - Q7 (Outputs):** Buffered 3-state outputs that can be connected directly to system buses. 3. **CP (Clock Pulse):** On the low-to-high transition (positive edge), data at the D inputs is loaded into the register. 4. **$\overline{OE}$ (Output Enable):** When LOW, the data in the register is visible on the Q pins. When HIGH, the outputs enter a high-impedance state (Z). 5. **$\overline{CLR}$ (Clear):** An asynchronous reset that clears the register contents to logic LOW regardless of the clock. --- ### Operating Modes The following table describes the logic behavior of the AM25LS2520LMB: | $\overline{CLR}$ | $\overline{OE}$ | CP | D | Output Q | | :---: | :---: | :---: | :---: | :---: | | L | L | X | X | L | | H | L | $\uparrow$ | h | H | | H | L | $\uparrow$ | l | L | | X | H | X | X | High-Z (Disconnected) | --- ### Distinctive Features of the "LMB" Suffix * **L:** Represents Low-power Schottky technology, offering a balance between high speed and reduced power consumption compared to standard TTL. * **M:** Indicates a **Military** grade part, meaning it is screened to MIL-STD-883 standards for reliability in extreme environments. * **B:** Usually refers to the processing level or specific package/burn-in requirements associated with military-grade certification. --- ### Typical Applications * **Bus Buffering:** Interfacing microprocessors with peripheral data buses. * **Data Latches:** Holding data stable for processing while the input source changes. * **Military Avionics:** Reliable data storage in flight computers and ruggedized systems.
    ✨ Follow-up Questions
    • ⤷ What are the modern CMOS equivalents for the AM25LS2520LMB?
    • ⤷ Can you explain the difference between the 25LS series and the standard 74LS series?
    • ⤷ What is the maximum clock frequency (fMAX) for this device?