전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM25LS2520XM

  • AI
    ## Overview of AM25LS2520XM The **AM25LS2520XM** is a legacy high-performance integrated circuit (IC) primarily designed as an **8-bit Three-State Instruction Register** (or Register/Latched Driver). It belongs to the **Advanced Low-Power Schottky (LS)** TTL family, manufactured by Advanced Micro Devices (AMD). --- ### Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Logic Family** | AM25LS (Low-Power Schottky) | | **Bit Width** | 8-Bit | | **Output Type** | 3-State (Tri-state) | | **Package Type** | XM (Typically refers to a specific Ceramic or Leaded chip carrier/Flatpack) | | **Voltage Supply** | 5.0V (Standard TTL) | | **Function** | Octal Register with Clear and Clock Enable | --- ### Internal Electronic Components & Architecture The device consists of several critical functional blocks that govern its behavior: #### 1. D-Type Flip-Flops The core of the chip consists of eight edge-triggered D-type flip-flops. These store the 8-bit data pattern on the rising edge of the clock signal. #### 2. Three-State Output Buffers The outputs ($Q_0 - Q_7$) are connected to three-state buffers. - **High/Low State:** Standard binary data transmission. - **High-Impedance (Hi-Z) State:** Effectively disconnects the chip from the bus, allowing multiple devices to share the same data lines without contention. #### 3. Control Inputs * **Clock (CP):** Synchronizes the loading of data. * **Clock Enable ($\overline{EN}$):** A control gate that allows or prevents the clock from triggering the flip-flops. * **Clear ($\overline{CLR}$):** An asynchronous input that resets all register bits to logic low, regardless of the clock. * **Output Enable ($\overline{OE}$):** Controls the three-state buffers. --- ### Logic Symbol Representation ```text +-------+ D0 ----| |---- Q0 D1 ----| |---- Q1 D2 ----| 8-BIT |---- Q2 D3 ----| REG |---- Q3 D4 ----| |---- Q4 D5 ----| |---- Q5 D6 ----| |---- Q6 D7 ----| |---- Q7 | | CP ----|> | CLR ---| | OE ----| | EN ----| | +-------+ ``` --- ### Applications Historically, the AM25LS2520 series was used in: * **Instruction Buffering:** Storing machine code instructions in CPU architectures. * **Bus-Oriented Systems:** Interfacing microprocessors with shared data buses. * **Digital Signal Processing:** Temporary storage of 8-bit coefficients or data samples. * **Military/Aerospace:** The "XM" suffix often denotes a high-reliability or extended temperature range part used in legacy defense hardware. ---
    ✨ Follow-up Questions
    • ⤷ What are the modern functional equivalents to the AM25LS2520 series?
    • ⤷ How does the 'Low-Power Schottky' technology compare to standard CMOS in terms of speed and power?
    • ⤷ Can this chip be used in 3.3V logic systems without level shifters?