전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM25LS534

  • AI
    ### Overview of the AM25LS534 The **AM25LS534** is a high-speed, low-power Schottky (LS) integrated circuit. It is specifically a **Octal D-Type Edge-Triggered Flip-Flop** featuring **3-state (Tri-state) outputs**. It is architecturally similar to the common 74LS374, but with a key difference: the outputs are **inverted** relative to the inputs. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Function** | Octal D-Type Flip-Flop | | **Output Type** | 3-State, Inverting | | **Supply Voltage (Vcc)** | 4.75V to 5.25V | | **Propagation Delay** | ~14ns (Typical) | | **Number of Bits** | 8-bit (Octal) | | **Package Types** | DIP, SOIC, PLCC | --- ### Key Internal Components & Pins 1. **D0 - D7 (Data Inputs):** These pins receive the 8 bits of data that will be stored in the flip-flops. 2. **CP (Clock Pulse):** This is the "Trigger." On the **positive-going edge** (low-to-high transition), the information at the D inputs is loaded into the flip-flops. 3. **OE (Output Enable):** This controls the 3-state outputs. * When **Low**, the stored data is available on the outputs. * When **High**, the outputs are in a high-impedance state (disconnected), allowing multiple chips to share a single data bus. 4. **/Q0 - /Q7 (Inverting Outputs):** Unlike standard flip-flops, the output value is the logical complement of the data that was stored. If you input a `1`, the output will be `0`. --- ### Logic Functionality Table | Mode | OE | CP | D | Output (/Q) | | :--- | :---: | :---: | :---: | :---: | | **Load & Output** | L | ↑ | H | **L** | | **Load & Output** | L | ↑ | L | **H** | | **Hold** | L | L/H | X | No Change | | **High-Z** | H | X | X | High-Impedance (Z) | *Key: L = Low, H = High, ↑ = Positive Edge, X = Don't Care, Z = High Impedance.* --- ### Common Applications * **Microprocessor Buffering:** Used as an intermediate storage layer between a CPU and a data bus. * **Bus-Oriented Systems:** Because of the 3-state outputs, it is ideal for systems where multiple devices need to write to the same wires at different times. * **Signal Inversion:** Useful in logic circuits where inverted data is required to simplify downstream Boolean logic.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AM25LS534 and the standard 74LS374?
    • ⤷ Can the AM25LS534 be used in modern 3.3V CMOS systems?
    • ⤷ How does the 'Low-Power Schottky' technology affect its switching speed?