전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-0505S-RZ

  • AI
    ### AM2D-0505S-RZ: Electronic Specifications and Overview The **AM2D-0505S-RZ** is a high-performance, miniature DC-DC converter manufactured by Aimtec. It belongs to the AM2D series, which is characterized by its compact size and regulated output. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 5 VDC | | **Input Voltage Range** | 4.5 – 5.5 VDC | | **Output Voltage** | 5 VDC | | **Output Current** | 400 mA (Max) | | **Power Rating** | 2 Watts | | **Efficiency** | ~72% | | **Isolation Voltage** | 1000 VDC | | **Package Type** | DIP14 (Dual In-line Package) | --- ### 2. Functional Characteristics * **Regulated Output:** Unlike simple "unregulated" converters, the "RZ" suffix indicates a regulated output. This ensures the output remains stable at 5V even if the input voltage fluctuates within the 10% tolerance range or the load changes. * **Isolation:** It provides 1000 VDC of galvanic isolation between the input and output stages. This is crucial for: * Breaking ground loops. * Protecting sensitive components from noise. * Level shifting between different circuit segments. * **Protection:** It typically features short-circuit protection (often limited duration) to prevent damage during fault conditions. --- ### 3. Pin Configuration (Typical DIP14) The "RZ" series often uses a specific footprint. While you should always verify with the official datasheet, the typical layout for this 14-pin DIP package involves: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 7 | NC | No Connection | | 8 | NC | No Connection | | 9 | +Vout | Positive Output Voltage | | 11 | -Vout | Negative Output Voltage | | 14 | +Vin | Positive Input Voltage | --- ### 4. Common Applications * **Digital Circuits:** Providing a clean 5V rail for microcontrollers and logic gates. * **Industrial Controls:** Isolating control logic from noisy actuator power. * **Communication Interfaces:** Powering RS-232 or RS-485 transceivers to prevent ground potential differences. * **Data Acquisition:** Reducing signal interference in sensitive analog-to-digital measurement systems. --- ### 5. Implementation Considerations 1. **Heat Dissipation:** Since it operates at roughly 72% efficiency, roughly 0.5W is dissipated as heat at full load. Ensure adequate airflow or PCB copper area. 2. **Capacitance:** To reduce ripple and noise, it is recommended to place low-ESR ceramic capacitors (e.g., 4.7µF to 10µF) close to both the input and output pins. 3. **Derating:** If the ambient temperature exceeds 71°C, the output power must be derated according to the manufacturer's thermal curve.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'RZ' regulated version and the standard 'Z' unregulated version of this part?
    • ⤷ Can this DC-DC converter be used in medical applications requiring high isolation?
    • ⤷ What are the recommended values for the input and output filter capacitors?