전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-1205D-RZ

  • AI
    ### Overview of the AM2D-1205D-RZ The **AM2D-1205D-RZ** is a high-performance, low-power DC-DC converter manufactured by **Aimtec**. It is part of the AM2D series, which features 2-watt isolated power supplies in a compact DIP14 package. --- ### Key Technical Specifications The following table summarizes the core electrical characteristics of this specific component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 10.8V to 13.2V DC (Nominal 12V) | | **Output Voltage** | Dual ±5V DC | | **Output Current** | ±200 mA | | **Isolation Voltage** | 1000 VDC | | **Efficiency** | ~75% to 80% | | **Package Type** | DIP14 (Dual In-line Package) | | **Operating Temperature** | -40°C to +85°C | --- ### Component Breakdown & Features #### 1. Input/Output Configuration * **Dual Output:** The "D" in the part number signifies a dual output. It provides both a positive (+5V) and a negative (-5V) rail relative to a common ground. This is ideal for powering operational amplifiers (Op-Amps) or analog sensors. * **Isolation:** The "RZ" suffix denotes a specific design iteration, often providing 1000 VDC of galvanic isolation between the input and output circuits. This protects sensitive electronics from high-voltage surges or ground loops. #### 2. Protection Mechanisms * **Short Circuit Protection:** The device is designed to withstand short-duration shorts on the output side without permanent damage. * **Low Ripple and Noise:** It is engineered to minimize electromagnetic interference (EMI), which is critical for precision instrumentation. #### 3. Physical Dimensions The DIP14 footprint is standard for PCB through-hole mounting. * **Size:** Approximately 20.32 x 10.16 x 6.85 mm. * **Pin Material:** Phosphor bronze with solder plating. --- ### Typical Applications * **Industrial Controls:** Powering sensors and PLC modules. * **Telecommunications:** Providing isolated voltage for communication interfaces. * **Medical Equipment:** Separating patient-facing electronics from main power supplies (where 1kV isolation is sufficient). * **Analog Circuits:** Providing the ±5V rails required for high-fidelity audio or signal processing. --- ### Schematic Symbol & Pinout Guide While you should always consult the official Aimtec datasheet, the standard DIP14 pinout for dual output converters generally follows this logic: * **Pin 1:** -V Input * **Pin 7:** NC (No Connection) * **Pin 8:** Common (Output Ground) * **Pin 9:** +V Output * **Pin 11:** -V Output * **Pin 14:** +V Input
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the DIP14 package of this converter?
    • ⤷ Can this converter be used in parallel to increase output current?
    • ⤷ Does this model require external capacitors for stability?