전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-1205S-RZ

  • AI
    ### Overview of the AM2D-1205S-RZ The **AM2D-1205S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM2D-Z series, specifically designed to provide isolated voltage regulation in a compact SIP7 (Single In-line Package) form factor. --- ### Technical Specifications The following table outlines the core electronic characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 12 VDC | | **Input Voltage Range** | 10.8 VDC to 13.2 VDC | | **Output Voltage** | 5 VDC | | **Output Current** | 400 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC (Standard) | | **Efficiency** | ~75% to 80% | | **Package Type** | SIP7 (Plastic) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Features and Internal Design 1. **Isolation:** This part provides **1000 VDC isolation** between the input and output circuits. This is critical for preventing noise transfer and protecting sensitive downstream components from high-voltage spikes on the input rail. 2. **Short Circuit Protection:** The "RZ" suffix typically denotes a specific revision or packaging style, but the series generally includes **continuous short-circuit protection**, ensuring the device shuts down or limits current to prevent permanent damage during a fault. 3. **Low Ripple and Noise:** Designed for industrial applications, it maintains a low output ripple (typically <100mV p-p), making it suitable for powering analog sensors or digital logic gates. 4. **No Minimum Load:** Unlike older DC-DC converter designs, many modern Aimtec modules in this series do not require a minimum load to maintain voltage stability. --- ### Pin Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 4 | -Vout | Negative Output Voltage | | 6 | +Vout | Positive Output Voltage | *(Note: Pins 3 and 5 are typically omitted in the standard SIP7 layout for this single-output model to maintain creepage and clearance distances.)* --- ### Common Applications * **Industrial Controls:** Powering 5V microcontrollers from a 12V industrial bus. * **Data Acquisition:** Isolating sensitive sensors from noisy power supplies. * **Telecommunications:** Distributed power architectures where localized regulation is needed. * **Ground Loop Elimination:** Breaking ground loops in complex PCB layouts.
    ✨ Follow-up Questions
    • ⤷ What are the recommended decoupling capacitor values for the AM2D-1205S-RZ?
    • ⤷ Does this model support 3000 VDC isolation as an option?
    • ⤷ What is the thermal derating curve for this component at high ambient temperatures?