전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-1512S-RZ

  • AI
    The **AM2D-1512S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a stable, regulated output voltage from a higher-voltage source while ensuring electrical isolation between the input and output circuits. --- ## 1. Technical Specifications The following table summarizes the core electronic characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 15 VDC | | **Input Voltage Range** | 13.5 VDC to 16.5 VDC (±10%) | | **Output Voltage** | 12 VDC | | **Output Current** | 167 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Package / Case** | SIP7 (Single In-line Package) | | **Efficiency** | ~80% (Typical) | --- ## 2. Key Features * **Galvanic Isolation:** Provides a barrier of 1000 VDC, protecting sensitive downstream components from input-side surges or noise. * **Regulated Output:** Unlike some low-cost DC-DC converters, this model provides a stable 12V output even if the input fluctuates within its specified range. * **Short Circuit Protection:** Includes built-in mechanisms to prevent damage during output faults. * **Compact Footprint:** The SIP7 package allows for high-density mounting on Printed Circuit Boards (PCBs). --- ## 3. Pinout Configuration (SIP7) The device typically follows a standard SIP7 layout. *Always verify with the specific datasheet before soldering.* 1. **+V Input:** Positive supply voltage. 2. **-V Input:** Ground/Return for the input. 4. **-V Output:** Negative output terminal. 5. **Common/NP:** (No Pin or internal connection). 6. **+V Output:** Positive 12V output. --- ## 4. Typical Applications * **Industrial Controls:** Powering sensors that require 12V from a 15V rail. * **Communication Systems:** Eliminating ground loops in RS-485 or CAN bus interfaces. * **Mixed-Signal Circuits:** Separating noisy digital power from clean analog power supplies. * **Battery Powered Systems:** Maintaining a steady 12V output as the battery discharges slightly.
    ✨ Follow-up Questions
    • ⤷ What are the recommended decoupling capacitors for the AM2D-1512S-RZ?
    • ⤷ Does this model support continuous short-circuit protection?
    • ⤷ Are there versions of this converter with higher isolation (e.g.
    • ⤷ 3000 VDC)?