전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-1515D-RZ

  • AI
    ### Overview of the AM2D-1515D-RZ The **AM2D-1515D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to a series of compact, isolated power modules designed to convert a stable input voltage into a regulated or unregulated dual output voltage. --- ### 1. Key Technical Specifications The model number itself acts as a code for its primary specifications: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 15V DC (Nominal) | | **Output Voltage** | ±15V DC (Dual Output) | | **Output Current** | ±67mA | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000V DC (Standard) | | **Package Type** | DIP14 (Dual In-line Package) | | **Efficiency** | ~80% (Typical) | --- ### 2. Functional Electronic Components Internally, the AM2D-1515D-RZ consists of several critical electronic stages integrated into a single small module: 1. **Oscillator/Switching Circuit**: Converts the 15V DC input into a high-frequency AC signal. This is necessary because transformers cannot operate on pure DC. 2. **Isolation Transformer**: Provides the 1000V DC galvanic isolation between the input and output. This protects sensitive downstream components from input surges and eliminates ground loops. 3. **Rectification & Filtering**: * **Diodes**: Convert the high-frequency AC back into DC. * **Capacitors**: Smooth the resulting waveform to reduce ripple and noise. 4. **Regulation Stage**: Ensures the ±15V output remains stable even if the input voltage fluctuates slightly (within the specified range). --- ### 3. Pinout Configuration The "RZ" suffix typically denotes a specific pinout arrangement in a DIP14 footprint. Below is a general representation of the pin functions for this series: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | -Vin | Negative Input Voltage | | **7** | N.C. | No Connection (Internal use) | | **8** | Common | Zero Volt (Center Tap for Dual Output) | | **9** | +Vout | Positive 15V Output | | **10** | -Vout | Negative 15V Output | | **14** | +Vin | Positive Input Voltage | --- ### 4. Common Applications Due to its dual output (±15V) and isolation features, it is commonly used for: * **Operational Amplifiers (Op-Amps)**: Providing the symmetric rails required for analog signal processing. * **Data Acquisition**: Isolating digital noise from sensitive analog sensors. * **Industrial Control**: Breaking ground loops in complex factory environments. * **Telecommunications**: Powering interface circuits.
    ✨ Follow-up Questions
    • ⤷ What is the input voltage range tolerance for the AM2D-1515D-RZ?
    • ⤷ Does this model feature short-circuit protection?
    • ⤷ What are the recommended external capacitors for reducing output ripple?