전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-2409SH30-RZ

  • AI
    ### Overview of AM2D-2409SH30-RZ The **AM2D-2409SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM2D-Z series, specifically designed for applications requiring high isolation and low power consumption in a compact form factor. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 21.6 to 26.4 VDC (Nominal 24V) | | **Output Voltage** | 9 VDC | | **Output Current** | 222 mA (Max) | | **Output Power** | 2 Watts | | **Isolation Voltage** | 3000 VDC | | **Package / Case** | SIP7 (Single In-line Package, 7 pins) | | **Efficiency** | ~75% - 80% | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic Features 1. **Galvanic Isolation (3000 VDC):** The "H30" in the part number signifies a 3000V DC isolation rating. This provides a physical and electrical barrier between the input and output circuits, protecting sensitive downstream components from high-voltage spikes or ground loops. 2. **Unregulated Output:** This specific model provides an unregulated output. This means the output voltage (9V) may vary slightly depending on the load current and input voltage fluctuations. It is best used in applications where a precise 9V is not strictly required or where a post-regulator is used. 3. **Short Circuit Protection:** The device includes momentary short-circuit protection, preventing the module from immediate failure if a fault occurs on the output line. 4. **SIP7 Form Factor:** The Single In-line Package (SIP) with 7 pins allows for vertical mounting on a PCB, significantly saving board "real estate" compared to DIP or surface mount packages. --- ### Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: | Code | Meaning | | :--- | :--- | | **AM2D** | 2 Watt DC-DC Converter Series | | **24** | Nominal Input Voltage (24V) | | **09** | Output Voltage (9V) | | **S** | Single Output | | **H30** | 3000 VDC Isolation | | **RZ** | Package style and Revision code | --- ### Typical Applications * **Industrial Controls:** Powering sensors or logic gates where the main power rail is 24V. * **Data Acquisition:** Isolating analog signals from digital noise. * **Telecom Equipment:** Providing local voltage conversion for interface modules. * **IGBT Driver Circuits:** Providing isolated gate drive power.
    ✨ Follow-up Questions
    • ⤷ What is the difference between regulated and unregulated DC-DC converters?
    • ⤷ Can this converter be used in medical equipment requiring patient protection?
    • ⤷ What are the recommended decoupling capacitors for the AM2D-2409SH30-RZ?