전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-2412S-RZ

  • AI
    The **AM2D-2412S-RZ** is a high-performance, compact DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D series, which is designed to provide isolation and voltage regulation in industrial and consumer electronics. --- ### ## 1. Key Specifications The technical parameters of this component are essential for determining its compatibility with a circuit. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) | | **Output Voltage** | 12V DC | | **Output Current** | 167 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC (Standard) | | **Efficiency** | ~80% | | **Package Type** | DIP7 (Dual In-line Package) | --- ### ## 2. Core Features * **Single Output:** It provides a steady 12V output from a 24V source. * **Galvanic Isolation:** It provides electrical separation between the input and output circuits, protecting sensitive components from noise or surges. * **Unregulated Output:** Note that the "S" in the series often denotes a fixed input range; if the input voltage fluctuates significantly, the output may vary slightly. * **Operating Temperature:** Typically rated to function between **-40°C to +85°C**, making it suitable for harsh environments. --- ### ## 3. Pin Configuration (DIP7) The physical layout follows a standard 7-pin DIP footprint, though some pins may be omitted (check the specific datasheet for the "RZ" suffix physical layout). | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 4 | -Vout | Negative Output Voltage | | 6 | +Vout | Positive Output Voltage | --- ### ## 4. Common Applications 1. **Industrial Controls:** Used to power 12V sensors or relays from a 24V industrial bus. 2. **Data Acquisition:** Providing isolated power to ADC/DAC circuits to reduce ground loop noise. 3. **Telecommunications:** Local voltage conversion on PCB boards. 4. **Mixed-Signal Circuits:** Separating digital noise from sensitive analog power rails. --- ### ## 5. Design Considerations * **Capacitance Loading:** To ensure stability, it is recommended to place low-ESR capacitors at both the input and output. * **Minimum Load:** Most AM2D converters require a minimum load (usually 10%) to maintain specified regulation. * **Thermal Management:** Ensure adequate airflow if operating at the full 2W capacity in high-temperature environments.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AM2D and AM1D series?
    • ⤷ Does this model include short-circuit protection?
    • ⤷ What is the recommended input filter circuit for this converter?