AM2D-2415D-RZ
AI

The **AM2D-2415D-RZ** is a high-performance, compact DC-DC converter manufactured by **Aimtec**. It is designed to provide regulated dual output voltages from a standard 24V input, typically used in industrial and telecommunications applications.
---
### ## Technical Specifications
The following table summarizes the primary electrical characteristics of the AM2D-2415D-RZ:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage (Nominal)** | 24 VDC |
| **Input Voltage Range** | 21.6 – 26.4 VDC (±10%) |
| **Output Voltage** | ±15 VDC (Dual Output) |
| **Output Current** | ±67 mA |
| **Max Power Output** | 2 Watts |
| **Isolation Voltage** | 1000 VDC |
| **Package Type** | DIP7 (Dual In-line Package) |
| **Efficiency** | ~75% to 80% |
| **Operating Temperature** | -40°C to +85°C |
---
### ### Key Features and Components
1. **Dual Output Configuration:** Unlike single-output converters, this part provides both +15V and -15V rails. This is essential for powering **Operational Amplifiers (Op-Amps)**, DACs, and ADCs that require symmetrical power supplies.
2. **Galvanic Isolation:** It provides 1000VDC isolation between the input and output circuits. This protects sensitive downstream components from input-side voltage spikes and eliminates ground loops.
3. **Short Circuit Protection:** The "RZ" suffix indicates specific design revisions that usually include internal protection mechanisms to prevent damage during momentary output shorts.
4. **Compact Form Factor:** The DIP7 footprint allows for high-density PCB mounting, saving significant board space compared to discrete transformer-based power designs.
---
### ### Typical Application Circuit
When integrating the AM2D-2415D-RZ, it is recommended to use external capacitors to reduce ripple and noise.
```c
// Basic Connection Diagram
[Input 24V] ----( +Vin )-------[ AM2D-2415D-RZ ]-------( +Vout )---- [+15V]
[Input GND] ----( -Vin )-------[ ]-------( Common )--- [ 0V ]
[ ]-------( -Vout )---- [-15V]
// Recommended Filtering
// Add a 4.7µF electrolytic capacitor at the input.
// Add 1µF - 10µF ceramic capacitors at each output rail.
```
---
### ### Common Use Cases
* **Analog Circuits:** Powering precision instrumentation amplifiers.
* **Industrial Automation:** Isolating control signals from 24V factory power rails.
* **Data Acquisition:** Providing clean, symmetrical power to sensors.
* **Telecom Equipment:** Distributing power in distributed architecture systems.
- ⤷
What is the pinout configuration for the DIP7 package of this converter?
- ⤷ Can this converter be used with a 12V input instead of 24V?
- ⤷ What is the maximum ripple and noise level for the ±15V outputs?