전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-2415DH30-RZ

  • AI
    The **AM2D-2415DH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power conversion in a compact package, specifically for industrial and electronic applications requiring dual output voltages. --- ### 1. Key Technical Specifications The part number itself encodes the primary technical features of the component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24 VDC | Nominal input (range typically 21.6V to 26.4V) | | **Output Voltage** | ±15 VDC | Dual output (positive and negative rails) | | **Power Rating** | 2 Watts | Total maximum output power | | **Isolation** | 3000 VDC | Input to output galvanic isolation | | **Package** | DIP14 | Dual In-line Package (14 pins) | | **Regulation** | Unregulated | Output voltage varies slightly with load | --- ### 2. Detailed Electronic Characteristics #### A. Power Conversion Mechanism This device is an **isolated switching regulator**. It uses an internal high-frequency oscillator and a transformer to transfer energy from the input side to the output side without a direct electrical connection. This is critical for breaking ground loops and protecting sensitive logic circuits from high-voltage noise. #### B. Dual Output Configuration Unlike standard single-output converters, the "D" in the part number indicates **Dual Output**. * **Common (GND):** The center tap of the output. * **+15V Rail:** Positive voltage relative to common. * **-15V Rail:** Negative voltage relative to common. * This is ideal for powering **Operational Amplifiers (Op-Amps)** and analog-to-digital converters (ADCs). #### C. Safety and Protection * **Short Circuit Protection:** Usually includes temporary protection against output shorts. * **High Isolation (H30):** The "H30" suffix denotes 3000VDC isolation, which is significantly higher than standard 1000VDC or 1500VDC models, making it suitable for medical or high-reliability industrial environments. --- ### 3. Pinout Configuration (Standard DIP14) While you should always consult the official datasheet, the standard layout for this Aimtec series is: | Pin Number | Function | | :--- | :--- | | 1 | -V Input | | 7 | No Connection | | 8 | Common (0V Out) | | 9 | +V Output | | 11 | -V Output | | 14 | +V Input | --- ### 4. Typical Applications 1. **Industrial Controls:** Powering sensors that require bipolar voltages. 2. **Data Acquisition:** Providing clean, isolated power to analog front-ends. 3. **Telecom:** Voltage level shifting and isolation. 4. **Mixed Signal Circuits:** Separating digital noise from sensitive analog components.
    ✨ Follow-up Questions
    • ⤷ What is the efficiency rating of the AM2D-2415DH30-RZ at full load?
    • ⤷ Can this converter be used with an input voltage higher than 26.4V?
    • ⤷ How does the 'unregulated' status affect the output voltage stability?