전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-2415S-RZ

  • AI
    ## Overview: AM2D-2415S-RZ DC/DC Converter The **AM2D-2415S-RZ** is a high-performance, 2-watt DC-to-DC converter manufactured by **Aimtec**. It is designed to provide electrical isolation and voltage regulation in industrial and electronic circuits. ### Core Specifications The following table highlights the critical electrical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) | | **Output Voltage** | 15V DC | | **Output Current** | 133 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Efficiency** | ~80% | | **Package Type** | DIP7 (Dual In-line Package) | --- ### Key Electronic Features 1. **Isolation (1000 VDC):** The "RZ" series provides a galvanic barrier between the input and output stages. This protects sensitive downstream components from high-voltage spikes or noise on the 24V supply line. 2. **Unregulated Output:** The AM2D series typically features an unregulated output. This means the output voltage (15V) may fluctuate slightly depending on the actual input voltage and the load applied. It is best used in applications where a highly precise 15V is not strictly required or where a linear regulator follows it. 3. **Short Circuit Protection:** It includes momentary short-circuit protection (usually limited to 1 second), which helps prevent catastrophic failure during accidental wiring faults. 4. **Operating Temperature:** Designed for industrial environments, it can typically operate between **-40°C to +85°C**, though derating (reducing power output) may be necessary at the higher end of the temperature scale. --- ### Pin Configuration (DIP7) The physical layout follows a standard 7-pin DIP footprint, though some pins may be omitted (check the specific datasheet for internal mapping). | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | -Vin | Negative Input Voltage | | **2** | +Vin | Positive Input Voltage | | **4** | -Vout | Negative Output Voltage | | **6** | +Vout | Positive Output Voltage | --- ### Common Applications * **Industrial Controls:** Powering sensors or small relays that require 15V from a standard 24V industrial bus. * **Data Acquisition:** Providing isolated power to analog-to-digital converters (ADCs) to reduce ground loop noise. * **Telecommunications:** Distributed power architectures where localized voltage conversion is needed.
    ✨ Follow-up Questions
    • ⤷ Does this component require external capacitors for noise filtering?
    • ⤷ What is the difference between the AM2D-2415S-RZ and the regulated AM2D series?
    • ⤷ How does the efficiency change under light load conditions?