전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-4805DH30-RZ

  • AI
    ## AM2D-4805DH30-RZ: Overview and Electronic Specifications The **AM2D-4805DH30-RZ** is a high-performance, isolated DC-DC converter manufactured by Aimtec. It is designed to provide regulated power in a compact SIP7 package, commonly used in industrial and telecommunication applications where space and isolation are critical. --- ### 1. Key Technical Specifications The part number itself acts as a code for its primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 72V DC (Nominal 48V) | | **Output Voltage** | Dual ±5V DC | | **Output Current** | ±200mA | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 3000 VDC (H30 suffix) | | **Package Type** | SIP7 (Single In-line Package) | | **Efficiency** | ~75% - 80% | --- ### 2. Electronic Component Breakdown Understanding the internals and pinout of this device is essential for PCB design: #### **A. Input Section** * **Wide Input Range:** The "48" in the part number indicates a nominal 48V input, but the "2:1" or wide input capability allows it to handle fluctuations between 36V and 72V. * **Filtering:** Typically requires an external electrolytic capacitor (e.g., 4.7µF to 100µF) to reduce input ripple current and protect against voltage spikes. #### **B. Isolation and Protection** * **H30 Rating:** The "H30" signifies high isolation—up to **3000V DC**. This provides a safety barrier between the high-voltage input side and the sensitive output electronics. * **Short Circuit Protection:** Most models in this series include continuous short-circuit protection with auto-recovery. #### **C. Output Section** * **Dual Output:** The "D" signifies dual output (+5V and -5V). This is ideal for powering operational amplifiers (Op-Amps) or analog-to-digital converters (ADCs) that require symmetrical rails. * **Regulation:** Unlike "unregulated" converters, the "RZ" series provides a stable output voltage regardless of minor fluctuations in the input voltage or load. --- ### 3. Pin Configuration (SIP7) The physical interface consists of 7 pins (though some may be omitted depending on the specific layout): | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 4 | +Vout | Positive Output Voltage (+5V) | | 5 | Common | Output Common/Ground | | 6 | -Vout | Negative Output Voltage (-5V) | --- ### 4. Typical Applications * **Industrial Automation:** Powering sensors and control logic from a 48V bus. * **Telecommunications:** Converting standard 48V telecom power to lower logic levels. * **Data Acquisition:** Providing clean, isolated dual rails for analog signal conditioning. * **Distributed Power Architectures:** Where localized voltage regulation is needed to prevent noise propagation.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external filter values for reducing output ripple on this model?
    • ⤷ Can this converter be used in a single-output configuration (10V) instead of dual (+/- 5V)?
    • ⤷ What is the operating temperature range for the AM2D-4805DH30-RZ?