전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM2D-4815S-RZ

  • AI
    ## Overview of the AM2D-4815S-RZ The **AM2D-4815S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM2D-Z series, specifically designed to provide isolated power conversion in a compact SIP7 (Single In-line Package) form factor. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 72V DC (48V Nominal) | | **Output Voltage** | 15V DC | | **Output Current** | 133 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000V DC (Standard) | | **Efficiency** | ~80% (Typical) | | **Package Type** | SIP7 (Plastic Case) | --- ### 2. Functional Electronic Components The internal architecture of the AM2D-4815S-RZ consists of several critical stages to ensure stable power delivery: #### A. Input Filtering The device includes internal capacitors to minimize reflected ripple current. However, for sensitive applications, an external LC filter is often recommended to meet EMI standards. #### B. Switching Controller (PWM) The core of the unit is a high-frequency switching regulator. It converts the 48V DC input into a high-frequency AC signal to allow for transformation through a small magnetic core. #### C. Isolation Transformer This is the "RZ" series hallmark. It provides galvanic isolation between the input and output circuits, protecting sensitive downstream components from high-voltage surges or ground loops on the input side. #### D. Rectification & Regulation The secondary side of the transformer utilizes fast-recovery diodes and output filters to convert the AC back into a stable 15V DC output. --- ### 3. Pinout Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | +V Input | Positive Supply Input | | **2** | -V Input | Negative Supply Input (GND) | | **4** | -V Output | Negative Power Output | | **6** | +V Output | Positive Power Output | --- ### 4. Common Applications * **Industrial Controls:** Powering sensors and actuators in 48V systems. * **Telecommunications:** Converting standard 48V telecom rails to logic/analog levels. * **Data Acquisition:** Providing isolated power to prevent noise interference in analog-to-digital circuits.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitors for EMI reduction in this model?
    • ⤷ How does the 'RZ' suffix differ from other models in the AM2D series?
    • ⤷ What is the maximum operating temperature range for the AM2D-4815S-RZ?