전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM3T-1203D-RZ

  • AI
    The **AM3T-1203D-RZ** is a high-performance, isolated DC/DC converter manufactured by **Aimtec**. It is designed to provide a regulated dual output from a wide range of input voltages, commonly used in industrial and telecommunication applications. --- ## 1. Technical Specifications Below is a summary of the core electronic parameters for this specific model: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (Nominal 12V) | | **Output Voltage** | ±3.3V DC (Dual Output) | | **Output Current** | ±454 mA | | **Power Rating** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Package Type** | DIP24 (Plastic case) | | **Efficiency** | ~72% to 75% | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Features ### Wide Input Range (2:1) The "12" in the part number indicates a nominal 12V input, but the device can handle a **2:1 ratio** (9V to 18V). This makes it resilient against battery fluctuations or unstable power rails. ### Dual Regulated Output The "D" suffix signifies a **Dual Output**. This means the converter provides two symmetric voltage rails (Positive and Negative) relative to a common ground. * **Application:** Ideal for powering operational amplifiers (Op-Amps) or analog-to-digital converters (ADCs) that require bipolar power. ### Isolation and Protection * **Galvanic Isolation:** 1500 VDC isolation between the input and output stages protects sensitive downstream components from input-side surges and eliminates ground loops. * **Short Circuit Protection:** Features continuous short-circuit protection with auto-recovery, preventing the component from burning out during a fault. ### Package Design (DIP24) The device is housed in a standard **24-pin Dual In-line Package**. This is a through-hole mount style, making it easy to use on standard PCBs and breadboards during prototyping. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Code | Meaning | | :--- | :--- | | **AM3T** | Series name (3 Watt, Wide Input) | | **12** | Nominal Input Voltage (12V) | | **03** | Output Voltage (3.3V) | | **D** | Dual Output | | **RZ** | Package/Feature variant (DIP24, Regulated) | --- ## 4. Common Use Cases 1. **Industrial Controls:** Powering sensors and control circuits in 12V systems. 2. **Instrumentation:** Providing clean, isolated power to precision measurement tools. 3. **Communication:** Distributed power architectures where local voltage regulation is needed to reduce noise.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the AM3T-1203D-RZ DIP24 package?
    • ⤷ Does this model require external capacitors for noise filtering?
    • ⤷ How does the efficiency of this model compare to the 4:1 input range (AM3W) series?