전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM3T-1209D-RVZ

  • AI
    ### Overview of the AM3T-1209D-RVZ The **AM3T-1209D-RVZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is part of the AM3T series, designed to provide a regulated dual output from a wide range of input voltages, commonly used in industrial and telecommunications applications. --- ### Key Technical Specifications The electrical characteristics define how the component behaves within a circuit. Below are the primary specifications: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (12V Nominal) | | **Output Voltage** | $\pm$9V DC (Dual Output) | | **Output Current** | $\pm$167 mA | | **Max Output Power** | 3 Watts | | **Isolation Voltage** | 1500 VDC (Standard) / up to 3000 VDC (R-suffix) | | **Efficiency** | ~78% - 82% | | **Package Style** | DIP24 (Plastic case) | | **Operating Temperature** | -40°C to +85°C | --- ### Component Breakdown & Features #### 1. Input Section * **Wide Input Range (2:1):** The "12" in the part number indicates a nominal 12V input, but the device can handle fluctuations between 9V and 18V while maintaining a steady output. * **Input Filter:** Typically includes an internal Pi-network filter to reduce reflected ripple current. #### 2. Isolation & Protection * **Galvanic Isolation:** The "RVZ" suffix often denotes specific isolation ratings (Reinforced) and protection levels. It provides a physical barrier between the input and output circuits, protecting sensitive downstream components from high-voltage surges. * **Short Circuit Protection:** Features continuous short-circuit protection with auto-recovery, ensuring the module isn't destroyed during a fault. #### 3. Output Section * **Dual Output:** Unlike a single output (+9V), this provides both **+9V** and **-9V** relative to a common ground (COM). This is ideal for powering operational amplifiers (Op-Amps) or bipolar sensors. * **Regulation:** It is a **regulated** converter, meaning the output voltage remains stable even if the input voltage or the load current changes. --- ### Typical Pin Configuration (DIP24) *Standard DIP24 footprint follows this general logic for dual outputs:* | Pin Number | Function | | :--- | :--- | | 2, 3 | -V Input | | 9 | Common (Output Ground) | | 11 | -V Output | | 14 | +V Output | | 16 | Common (Output Ground) | | 22, 23 | +V Input | --- ### Common Applications * **Industrial Control Systems:** Powering sensors and transducers that require dual-rail supply. * **Instrumentation:** Used in data acquisition boards to provide clean, isolated power. * **Communication Equipment:** Isolating signal paths to prevent ground loops.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AM3T-1209D-RVZ and the AM3T-1209S-RVZ?
    • ⤷ How do I calculate the heat dissipation requirements for this 3W converter?
    • ⤷ Does this model require external capacitors for stability?