전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM3T-2407D-RZ

  • AI
    ### Overview: AM3T-2407D-RZ DC/DC Converter The **AM3T-2407D-RZ** is a high-performance, isolated DC/DC converter manufactured by Aimtec. It is part of the AM3T series, designed to provide a stable dual output voltage from a wide range of input voltages, typically used in industrial and communication systems. --- ### Technical Specifications The following table outlines the primary electrical characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC (24V Nominal) | | **Output Voltage** | ±7.2V DC (Dual Output) | | **Output Current** | ±209 mA | | **Max Power** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Package Type** | DIP24 (Plastic case) | | **Efficiency** | ~78% - 82% | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic Features 1. **2:1 Wide Input Range:** This part can handle fluctuations in the input power source (ranging from 18V to 36V), making it ideal for battery-operated systems or unstable industrial power rails. 2. **Galvanic Isolation:** With a 1500VDC isolation rating, it physically and electrically separates the input circuit from the output circuit, protecting sensitive downstream components from noise and surges. 3. **Continuous Short Circuit Protection:** The device includes internal safeguards to prevent damage if the output is accidentally shorted, automatically recovering once the fault is removed. 4. **Dual Output Configuration:** The "D" in the part number signifies a dual output (positive and negative rails relative to a common ground), which is essential for powering operational amplifiers (Op-Amps) and analog sensors. --- ### Pinout Configuration (DIP24) | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -V Input | Negative Supply Input | | 9 | Common | Output Common (Ground) | | 11 | -V Output | Negative Voltage Output | | 14 | +V Output | Positive Voltage Output | | 16 | Common | Output Common (Ground) | | 22, 23 | +V Input | Positive Supply Input | --- ### Common Applications * **Industrial Controls:** Powering PLC modules and decentralized automation units. * **Instrumentation:** Providing clean ±7.2V power for precision measurement circuits. * **Telecommunications:** Used in networking hardware requiring isolated power. * **Data Acquisition:** Powering ADCs/DACs that require dual-rail supplies for signal processing.
    ✨ Follow-up Questions
    • ⤷ What are the alternative isolation ratings available for the AM3T series?
    • ⤷ How does the efficiency of this converter change under low load conditions?
    • ⤷ Can this model be used in applications requiring 5:1 input ranges?