전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM3T-2407S-RZ

  • AI
    The **AM3T-2407S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a stable 7.2V output from a wide 24V nominal input range, commonly used in industrial and telecommunications equipment. --- ### ## Technical Specifications The following table summarizes the key electrical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC (24V Nominal) | | **Output Voltage** | 7.2V DC | | **Output Current** | 417 mA (Max) | | **Power Rating** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~78% - 82% | | **Package Type** | DIP24 (Plastic case) | | **Operating Temperature** | -40°C to +85°C | --- ### ## Core Electronic Characteristics ### 1. 2:1 Wide Input Range The "24" in the part number indicates a nominal 24V input, but the device can handle a wide range from **18V to 36V**. This makes it ideal for systems where battery voltage might fluctuate or where the power rail is shared with noisy inductive loads. ### 2. Isolation (1500 VDC) The unit provides galvanic isolation between the input and output circuits. This is critical for: * **Safety:** Protecting low-voltage logic circuits from high-voltage surges. * **Noise Reduction:** Breaking ground loops in sensitive analog or communication systems. ### 3. Protection Mechanisms This part includes several internal protection features to ensure long-term reliability: * **Continuous Short Circuit Protection:** The device can withstand a short on the output indefinitely without damage, usually through "hiccup mode" recovery. * **Input Filter:** Typically features an internal Pi-filter to reduce reflected ripple current. ### 4. Physical Form Factor (DIP24) The **RZ** suffix indicates the package style. It uses a standard Dual-In-line Package (DIP) with 24 pins, though many pins are omitted or used for mechanical stability. It is often housed in a non-conductive black plastic case. --- ### ## Pinout Configuration (Standard DIP24) *Typical layout for the AM3T series:* | Pin Number | Function | | :--- | :--- | | 2, 3 | -V Input | | 22, 23 | +V Input | | 14 | +V Output | | 16 | -V Output | | Others | No Connection / Case Ground | ---
    ✨ Follow-up Questions
    • ⤷ What are the typical applications for a 7.2V DC-DC converter?
    • ⤷ Does this model require external capacitors for operation?
    • ⤷ What is the difference between the 'S' and 'D' versions in the AM3T series?