전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM3T-2409D-RZ

  • AI
    ### AM3T-2409D-RZ Technical Overview The **AM3T-2409D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM3T series, which is designed to provide regulated output power in a compact package, commonly used in industrial and communication applications. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 36V DC (24V Nominal) | | **Output Voltage** | ±9V DC (Dual Output) | | **Output Current** | ±167 mA | | **Max Output Power** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Package Type** | DIP24 (Plastic Case) | | **Efficiency** | ~80% (Typical) | --- ### Key Electronic Characteristics #### 1. Input Parameters * **Voltage Range:** It features a **2:1 wide input range**. For the "24" model, it handles fluctuations between 18V and 36V comfortably. * **Filter:** Includes an internal Pi-network filter to minimize reflected ripple current and electromagnetic interference (EMI). #### 2. Output Parameters * **Dual Output:** The "D" in the part number signifies a **Dual Output** (±9V). This is ideal for powering operational amplifiers or circuits requiring balanced positive and negative rails. * **Regulation:** It is a **regulated** converter, meaning the output voltage remains stable despite changes in input voltage or load conditions (Load regulation ±1%, Line regulation ±0.5%). * **Protection:** Features continuous short-circuit protection with auto-recovery. #### 3. Isolation and Safety * **Galvanic Isolation:** Provides 1500VDC isolation between the input and output stages, protecting sensitive downstream components from high-voltage spikes on the input side. * **Operating Temperature:** Designed to operate in harsh environments, typically ranging from **-40°C to +85°C**. --- ### Pinout Configuration (DIP24) | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -V Input | Negative Input Voltage | | 9 | Common | Common Ground for Outputs | | 11 | -V Output | Negative 9V Output | | 14 | +V Output | Positive 9V Output | | 16 | Common | Common Ground for Outputs | | 22, 23 | +V Input | Positive Input Voltage | --- ### Applications * **Industrial Control Systems:** Powering sensors and actuators. * **Instrumentation:** Providing clean power for precision measurement tools. * **Telecommunications:** Used in distributed power architectures. * **Data Acquisition:** Ideal for analog-to-digital conversion circuits requiring bipolar supply rails.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'RZ' and 'NZ' suffixes in Aimtec part numbers?
    • ⤷ How do I calculate the thermal derating for this component at high temperatures?
    • ⤷ Can this DC-DC converter be used in parallel to increase output current?