전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM3T-2409S-RZ

  • AI
    ## Technical Overview: AM3T-2409S-RZ The **AM3T-2409S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed for industrial, telecommunications, and instrumentation applications where stable voltage regulation and electrical isolation are required. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 36V DC (24V Nominal) | | **Output Voltage** | 9V DC | | **Output Current** | 333 mA (Max) | | **Power Rating** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Package Style** | DIP24 (Dual In-line Package) | | **Efficiency** | ~80% (Typical) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description This part functions as a **Step-Down (Buck) or Step-Up (Boost)** regulated converter depending on the source, though it is primarily used to provide a steady 9V rail from a fluctuating 24V bus. #### Core Electronic Components Internal to the Module: * **Switching Controller:** High-frequency PWM controller to manage power conversion. * **Isolation Transformer:** Provides the 1500VDC galvanic isolation between input and output. * **Filter Capacitors:** Internal low-ESR capacitors to minimize input/output ripple. * **Protection Circuitry:** Includes continuous short-circuit protection with auto-recovery. --- ### 3. Pin Configuration (DIP24) Below is a typical pinout representation for the AM3T series (Single Output): | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -Vin | Negative Input Voltage | | 9 | NC | No Connection | | 11 | NC | No Connection | | 14 | +Vout | Positive Output Voltage | | 16 | -Vout | Negative Output Voltage | | 22, 23 | +Vin | Positive Input Voltage | --- ### 4. Application Considerations * **Input Filtering:** While it has internal filters, an external electrolytic capacitor (approx. 100µF) is often recommended to handle surges. * **Thermal Management:** At full 3W load in high-temperature environments, ensure adequate airflow to prevent thermal throttling. * **Suffix "RZ":** The "RZ" suffix typically denotes specific packaging or environmental compliance (RoHS) standards specific to Aimtec’s manufacturing series.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external filter components for reducing output ripple?
    • ⤷ Can this converter be used in a dual-output configuration?
    • ⤷ What is the maximum capacitive load supported by the AM3T-2409S-RZ?