전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AMDLH5030S-R68M

  • AI
    The **AMDLH5030S-R68M** is a high-performance surface-mount (SMD) power inductor typically used in DC-DC converter applications. It is part of a series designed for high current handling and low magnetic interference. --- ### 1. Part Number Deciphering To understand the specific properties of this component, we can break down the nomenclature: | Code | Meaning | Description | | :--- | :--- | :--- | | **AMDLH** | Series Prefix | High-current, shielded power inductor series. | | **5030** | Dimensions | Indicates size: approx. 5.0mm x 5.0mm with a 3.0mm height. | | **S** | Construction | Often denotes Standard or Sealed magnetic shielding. | | **R68** | Inductance Value | **0.68 µH** (Microhenries). | | **M** | Tolerance | **±20%** tolerance on the inductance value. | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Allied Components or similar specialized magnetic vendors), the general specs for an **R68** in a **5030** package are: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Very low (typically < 10 mΩ) to minimize power loss. * **Saturation Current (Isat):** High, usually ranging between 8A to 12A depending on the specific core material. * **Operating Temperature:** Typically -40°C to +125°C. * **Shielding:** Magnetically shielded construction to prevent Electromagnetic Interference (EMI) with nearby components. --- ### 3. Application Areas This specific inductor is commonly found in circuits requiring high efficiency and compact footprints: 1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery. 2. **Point of Load (POL) Converters:** For step-down (Buck) conversion in laptops and tablets. 3. **Battery Powered Devices:** High efficiency helps extend battery life. 4. **Network/Telecomm:** Used in high-speed data transmission equipment power rails. --- ### 4. Component Comparison | Feature | AMDLH5030S-R68M | Standard Wire-Wound Inductor | | :--- | :--- | :--- | | **EMI Shielding** | Excellent (Molded/Shielded) | Poor (Open Core) | | **Current Handling** | Very High | Moderate | | **Footprint** | Small (5.0 x 5.0mm) | Generally Larger | | **Acoustic Noise** | Low (Composite core) | Potential for buzzing |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the AMDLH5030S-R68M?
    • ⤷ How does the saturation current affect the performance of this inductor in a buck converter?
    • ⤷ What is the impact of the 3.0mm height on thermal dissipation?