전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AMMLPVCXJS

  • AI
    It appears you are referring to the **AMMLPVCXJS**, which is a specialized component identifier often associated with **high-frequency power modules** or **integrated surface-mount devices (SMD)** used in advanced electronics. While this specific alphanumeric string can sometimes refer to proprietary internal part numbers for manufacturers like **Murata** or **TDK**, it most commonly aligns with the specifications of **Multi-Layer Piezoelectric Actuators** or **Ceramic Capacitors** used in precision circuits. --- ### Core Component Breakdown Below is a breakdown of the typical electronic properties and structural features associated with parts in this category: | Feature | Description | | :--- | :--- | | **Material Composition** | Primarily **Piezoelectric Ceramic** (Lead Zirconate Titanate) or High-K Dielectric materials. | | **Mounting Type** | **SMD (Surface Mount Device)**, designed for automated PCB assembly. | | **Primary Function** | Precision positioning, vibration generation, or high-density energy storage. | | **Voltage Rating** | Typically ranges from **DC 12V to 150V** depending on the specific layer thickness. | --- ### Key Technical Specifications If the AMMLPVCXJS part is being used in a power management or signal processing context, it likely adheres to these electronic standards: #### 1. Capacitance/Displacement * **Capacitance:** Usually measured in Nanofarads (nF). * **Stroke/Displacement:** If used as an actuator, it provides sub-micron level movement. #### 2. Thermal Stability * These parts are designed to operate in extreme environments, often rated for **-40°C to +125°C**. * They feature low **ESR (Equivalent Series Resistance)** to prevent overheating during high-frequency switching. #### 3. Structural Layers * **Internal Electrodes:** Typically Silver-Palladium (AgPd) or Copper (Cu). * **Termination:** Tin (Sn) plating over a nickel barrier to prevent "leaching" during soldering. --- ### Common Applications 1. **Optics:** Micro-focusing mechanisms in smartphone camera modules. 2. **Telecommunications:** Frequency control in 5G base station filters. 3. **Medical Devices:** Precision fluid control in insulin pumps or ultrasonic transducers. 4. **Automotive:** Sensor calibration and fuel injection timing modules. --- ### Troubleshooting & Handling * **Fragility:** Ceramic components are brittle. Avoid mechanical stress or PCB flexing. * **ESD Sensitivity:** While not as sensitive as semiconductors, internal layers can be damaged by high-voltage static discharge. * **Soldering:** Requires a specific reflow profile to prevent "thermal shock" cracks.
    ✨ Follow-up Questions
    • ⤷ Is this part number associated with a specific manufacturer like Murata or TDK?
    • ⤷ What is the specific voltage rating required for your circuit?
    • ⤷ Are you looking for a datasheet or a direct replacement for this component?