전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AMPLH7020S-R20M

  • AI
    The **AMPLH7020S-R20M** is a high-performance **Surface Mount (SMD) Power Inductor**. It is part of a specialized series (often manufactured by companies like ASPI or similar high-current power component specialists) designed for high-density power applications. --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical limits: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **AMPLH** | Series Type | High-current, low-profile molded power inductor. | | **7020** | Case Size | Approx. 7.0mm x 6.6mm (Length/Width) and 2.0mm (Height). | | **S** | Construction | Often denotes Shielded or Standard structure. | | **R20** | Inductance Value | **0.20 µH** (R acts as the decimal point). | | **M** | Tolerance | **±20%** (Industry standard for power inductors). | --- ## 2. Technical Specifications While exact values can vary slightly by manufacturer, the **7020S-R20M** typically adheres to these parameters: * **Inductance:** 0.20 µH * **DCR (DC Resistance):** Extremely low (typically < 2.0 mΩ), minimizing heat loss. * **Saturation Current ($I_{sat}$):** Very high (often 20A to 35A), meaning the inductance doesn't drop significantly under high load. * **Temperature Rise Current ($I_{rms}$):** Typically 15A to 25A depending on the thermal design. * **Operating Temperature:** -40°C to +125°C. --- ## 3. Key Electronic Features ### A. Composite Molded Structure The core is made of a metallic powder (iron-based). This allows for a "soft saturation" curve, meaning the inductor doesn't instantly lose its properties if the current spikes momentarily. ### B. Magnetic Shielding The molded design naturally acts as a shield. This reduces **Electromagnetic Interference (EMI)**, which is critical when the part is placed near sensitive CPU or communication traces. ### C. Low DCR & High Efficiency Because the inductance is low (0.20 µH), the internal copper winding is short and thick. This results in ultra-low resistance, making it ideal for high-efficiency DC-DC converters. --- ## 4. Typical Applications This specific inductor is found in circuits requiring high current and fast transient response: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases. 2. **DC/DC Converters:** Point-of-Load (POL) converters for telecommunications. 3. **Battery Powered Systems:** Where high efficiency is needed to extend battery life. 4. **FPGA/ASIC Power:** Providing stable current to high-speed processors. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the AMPLH7020S-R20M?
    • ⤷ How does the 'soft saturation' of a molded inductor differ from a ferrite core inductor?
    • ⤷ What is the recommended PCB footprint or land pattern for a 7020 size inductor?