전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AOFW211-R

  • AI
    ### Overview of IDEC AOFW211-R The **AOFW211-R** is a specific model within the **TW series** of industrial control switches manufactured by **IDEC Corporation**. It is a 22mm heavy-duty push button designed for panel mounting in industrial environments. --- ### Key Technical Specifications | Feature | Specification | |:---|:---| | **Series** | TW Series (Heavy Duty) | | **Hole Diameter** | 22mm (standard industrial size) | | **Operator Style** | Extended Push Button | | **Color** | Red (R) | | **Contact Configuration** | 1NO - 1NC (1 Normally Open, 1 Normally Short) | | **Operation Type** | Momentary (Spring Return) | | **Bezel Material** | Metal (Zinc Die-cast) | | **Protection Rating** | IP65 / NEMA 4, 4X (Water/Oil tight) | --- ### Deep Dive into Electronic Components #### 1. Contact Blocks (HW-U Series) The AOFW211-R utilizes modular contact blocks. This specific model includes two blocks: * **1 Normally Open (NO):** Closes the circuit when the button is pressed. * **1 Normally Closed (NC):** Opens the circuit when the button is pressed. * **Self-Cleaning:** The contacts use a "rolling action" to self-clean oxidation, ensuring low-resistance electrical paths over time. #### 2. Terminal Construction * **Finger-Safe Design:** The terminals are designed to prevent accidental contact with live wires (IP20 rated terminals). * **Screw Terminals:** Uses M3.5 screws with captive wire clamps, allowing for secure connection of solid or stranded wires. #### 3. Material Durability * **Contacts:** Typically silver-plated or gold-clad for high conductivity and resistance to arcing. * **Insulation Resistance:** Rated at 100 MΩ minimum (500V DC megger). * **Dielectric Strength:** Capable of withstanding 2,500V AC for one minute between live and dead metal parts. --- ### Typical Applications Because it features both NO and NC contacts, it is highly versatile: * **Start/Stop Control:** The NC contact can be used for "Stop" logic while the NO is used for signaling. * **Safety Interlocking:** Providing status feedback to a PLC (Programmable Logic Controller) while simultaneously cutting power to a relay. * **Panel Indicators:** Triggering an alarm state while disconnecting a primary load.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AOFW and the AOW series?
    • ⤷ How do you wire the 1NO-1NC contacts for a basic motor starter circuit?
    • ⤷ Is the AOFW211-R compatible with LED illumination modules?