전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AOGW220-R

  • AI
    ## Technical Overview of the AOGW220-R The **AOGW220-R** is a specific industrial control component, typically part of the **IDEC TW series** (22mm heavy-duty switches). Specifically, this model refers to a **Non-Illuminated Guarded Mushroom Head Momentary Pushbutton**. ### Core Electronic & Mechanical Specifications The electronic functionality of the AOGW220-R is defined by its contact block configuration and electrical ratings. | Feature | Specification | | :--- | :--- | | **Series** | IDEC TW Series (Traditional) | | **Mounting Hole Size** | 22mm | | **Operator Type** | Mushroom Head (Guarded) | | **Contact Configuration** | 2NO (Two Normally Open contacts) | | **Action** | Momentary (Spring Return) | | **Contact Material** | Silver Contacts (Standard) | | **Terminal Type** | M3.5 Screw Terminals | --- ### Internal Electronic Parts & Components The device is modular, consisting of three primary electronic/mechanical sections: #### 1. The Operator (The Head) * **Mechanical Actuator:** The "R" in the part number signifies the **Red** mushroom head. * **The Guard:** The "G" indicates a protective guard around the button to prevent accidental activation from the side or by falling objects. #### 2. The Contact Blocks (The Switching Logic) * **Part Number Logic:** The "20" in AOGW**220**-R indicates **2 NO** (Normally Open) contact blocks. * **HW-U10 Blocks:** Typically uses the HW-U series contact blocks which are stackable. * **Voltage/Current Rating:** * **AC:** 600V Max / 10A Thermal Current. * **DC:** 250V Max / 1.1A. * **Contact Resistance:** 50 mΩ maximum (initial value). #### 3. The Terminal Wiring Section * **Screw Terminals:** Features IP20 finger-safe terminals with "SS" (Self-Lifting) washers, which allow for easy insertion of ring or fork terminals. --- ### Electrical Wiring Diagram (Simplified) Since this is a **2NO** configuration, the electrical behavior is as follows: ```text Terminal 1 (NO) ----[ / ]---- Terminal 2 (NO) -> Path A Terminal 3 (NO) ----[ / ]---- Terminal 4 (NO) -> Path B Action: - Idle: Circuits A and B are Open (No continuity). - Pressed: Circuits A and B Close (Continuity established). - Released: Returns to Open immediately. ``` ### Environmental and Durability Ratings * **Vibration Resistance:** 5 to 55 Hz, amplitude 0.5 mm. * **Shock Resistance:** 1,000 m/s². * **Degree of Protection:** IP65 (Water and oil-tight) when mounted in an appropriate enclosure. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AOGW220-R and the AOGW211-R model?
    • ⤷ Can the contact blocks be replaced or upgraded to Normally Closed (NC) types?
    • ⤷ What are the specific torque requirements for the M3.5 screw terminals?