전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AP1604

  • AI
    ### Overview of the AP1604 The **AP1604** is a high-efficiency, step-up (Boost) DC-DC converter integrated circuit. It is primarily designed for portable electronic devices where a stable output voltage is required from a low-voltage battery source (like AA, AAA, or Li-ion batteries). --- ### Technical Specifications The table below highlights the primary electrical characteristics of the AP1604 series: | Parameter | Value | Note | | :--- | :--- | :--- | | **Input Voltage Range** | 1.1V to 5.5V | Low start-up voltage | | **Output Voltage** | 3.3V or 5.0V | Usually fixed (depending on version) | | **Switching Frequency** | 100 kHz | Fixed internal oscillator | | **Efficiency** | Up to 90% | Varies by load and voltage | | **Output Current** | ~200mA to 400mA | Dependent on input/output delta | | **Package Types** | SOT23-3, SOT23-5, SOT89 | Surface mount | --- ### Key Internal Components The AP1604 integrates several electronic parts onto a single silicon chip to reduce external component count: 1. **Power MOSFET:** An internal N-channel switch that handles the energy transfer. 2. **Oscillator:** Generates the 100kHz clock signal for Pulse Width Modulation (PWM) or Pulse Frequency Modulation (PFM). 3. **Reference Voltage Source:** A stable internal voltage used to compare against the output to maintain regulation. 4. **Error Amplifier:** Monitors the feedback and adjusts the switching cycle to maintain the target voltage. --- ### Required External Components To create a functional circuit using the AP1604, four main external parts are necessary: * **Inductor (L):** Usually $22\mu H$ to $100\mu H$. It stores energy during the "ON" phase and releases it during the "OFF" phase. * **Schottky Diode (D):** Prevents the current from flowing back when the internal switch is off. Low forward voltage is required for high efficiency. * **Input Capacitor ($C_{IN}$):** Typically a $10\mu F$ electrolytic or ceramic capacitor to stabilize the input supply. * **Output Capacitor ($C_{OUT}$):** Typically a $47\mu F$ to $100\mu H$ capacitor to filter switching noise and provide a smooth DC output. --- ### Typical Application Circuit ```text (Input V+) ---- [Inductor] ----+---- [Diode] ---- (Output V+) | | [AP1604 LX] [C_out] | | (GND) ---- (GND) ``` ### Features & Advantages * **Low Quiescent Current:** Minimizes battery drain when the device is in standby. * **Minimal Parts Count:** Only requires an inductor, a diode, and two capacitors. * **Start-up Voltage:** Can begin operating at voltages as low as 1.1V, making it ideal for single-cell battery applications.
    ✨ Follow-up Questions
    • What are the main differences between the AP1604 and the AP1605?
    • How do I calculate the ripple voltage for the output capacitor in this circuit?
    • Can the AP1604 be used to drive high-power LEDs?