AP1635
AI

## Overview of the AP1635
The **AP1635** is a high-performance, current-mode PWM (Pulse Width Modulation) step-up (boost) DC-DC controller. It is primarily designed for driving external N-channel MOSFETs to handle high power requirements, making it suitable for applications like LCD panels, portable devices, and power supply modules.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Operating Frequency** | 300kHz to 1MHz (Adjustable) |
| **Output Voltage** | Adjustable via external resistor divider |
| **Soft Start** | Built-in (Programmable via external capacitor) |
| **Duty Cycle** | Up to 90% |
| **Shutdown Current** | < 1.0 $\mu$A |
---
### 2. Functional Electronic Components (Internal)
The AP1635 integrates several critical sub-circuits that manage the power conversion process:
* **Error Amplifier:** Compares the feedback voltage from the output against an internal reference voltage (usually around 1.25V).
* **Oscillator:** Generates the switching frequency. It can be tuned using external components to balance efficiency and size.
* **PWM Control Logic:** Determines the duty cycle based on the load requirements to maintain a steady output.
* **Protection Circuitry:** Includes Over-Temperature Protection (OTP) and Over-Voltage Protection (OVP) to prevent hardware failure.
---
### 3. External Component Requirements
To build a functional circuit with the AP1635, the following external electronic parts are required:
1. **N-Channel MOSFET:** Since the AP1635 is a controller, it requires an external transistor to act as the power switch.
2. **Power Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle.
3. **Schottky Diode:** Provides a low-voltage drop path for current when the MOSFET is off.
4. **Capacitors:**
* *Input/Output Caps:* For ripple reduction and stability.
* *Compensation Cap:* To stabilize the feedback loop.
5. **Resistor Divider:** Two resistors connected to the **FB (Feedback)** pin to set the desired output voltage level.
---
### 4. Typical Application Circuit (Block Diagram Logic)
```mermaid
graph LR
Vin(Input Voltage) --> Inductor
Inductor --> MOSFET
AP1635 -- PWM Signal --> MOSFET
MOSFET --> Diode
Diode --> Vout(Output Voltage)
Vout --> Feedback_Resistors
Feedback_Resistors --> AP1635
```
---
### 5. Common Use Cases
* **TFT LCD Bias Supplies:** Providing the specific voltages needed for screen operation.
* **Battery Powered Equipment:** Stepping up Li-ion battery voltage (3.7V) to 5V or 12V.
* **LED Backlighting:** Driving strings of LEDs in series.
- ⤷
What is the formula for calculating the output voltage using the feedback resistors?
- ⤷ How does the switching frequency affect the size of the inductor chosen?
- ⤷ What are the pin-out configurations for the AP1635?