전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AP4800AGM

  • AI
    The **AP4800AGM** is an N-Channel enhancement mode Power MOSFET, typically housed in an **SO-8** package. It is designed for high-density applications requiring low on-resistance and efficient power switching. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AP4800AGM: | Parameter | Symbol | Maximum Rating | | :--- | :---: | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20V | | **Continuous Drain Current** | $I_D$ | ~9.0A (at 25°C) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 15.5mΩ (@ $V_{GS}$ = 10V) | | **Total Gate Charge** | $Q_g$ | ~12nC | | **Power Dissipation** | $P_D$ | 2.5W | --- ### 2. Functional Description As an **N-Channel MOSFET**, the device acts as a voltage-controlled switch. When a positive voltage (exceeding the threshold voltage, $V_{GS(th)}$) is applied to the gate relative to the source, the device allows current to flow from the Drain to the Source. #### Core Features: * **Low $R_{DS(ON)}$:** Minimizes conduction losses, which is critical for thermal management in compact circuits. * **Fast Switching Speed:** High-frequency operation capability, reducing switching losses. * **SO-8 Package:** A surface-mount package that provides a balance between small footprint and heat dissipation capabilities. --- ### 3. Common Applications The AP4800AGM is frequently found in power management circuits within consumer electronics: 1. **DC-DC Converters:** Used in the switching stage of buck or boost regulators. 2. **Battery Management:** Acts as a protection switch in Li-ion battery packs. 3. **Load Switching:** Efficiently turning power rails on/off in laptops and tablets. 4. **Inverters:** High-efficiency power conversion in LCD backlighting. --- ### 4. Circuit Implementation Example A typical gate drive circuit for this MOSFET would look like this in a simplified logic diagram: ```cpp // Schematic Concept [Control Signal] ---> [Gate Resistor (10-100 Ohm)] ---> Gate (Pin 4) [Power Rail (30V Max)] ------------------------------> Drain (Pins 5,6,7,8) [Load] <---------------------------------------------- Source (Pins 1,2,3) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the AP4800AGM?
    • ⤷ How does the temperature affect the Drain-Source On-Resistance of this MOSFET?
    • ⤷ What is the typical Gate Threshold Voltage (Vgs-th) for this device?