전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AP4800AGM-HF_14

  • AI
    The **AP4800AGM-HF** is a specific Dual N-Channel enhancement mode Power MOSFET commonly used in power management and switching applications. Below is a detailed technical breakdown of this electronic component. --- ### 1. General Specifications The AP4800AGM-HF is designed to handle high-speed switching with low on-resistance. The suffix "-HF" typically indicates that the part is **Halogen-Free**, and "14" often refers to a specific batch or packing variation (such as Tube or Tape & Reel). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Dual N-Channel MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | | **Gate-Source Voltage ($V_{GSS}$)** | ±20V | | **Continuous Drain Current ($I_D$)** | ~6.9A (at 25°C) | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | ~25mΩ @ $V_{GS}$ = 10V | | **Package Type** | SOP-8 | --- ### 2. Key Internal Characteristics The device integrates two independent N-channel MOSFETs within a single 8-pin package, which saves PCB space and simplifies layouts for H-bridge or synchronous buck converter designs. #### A. Power Efficiency The **Low $R_{DS(on)}$** (On-Resistance) is the most critical feature. A lower resistance means less power is dissipated as heat when the transistor is in the "ON" state, leading to higher efficiency in portable electronics. #### B. Gate Charge ($Q_g$) It possesses a low total gate charge, which allows for: * Faster switching speeds. * Reduced switching losses. * Compatibility with low-current gate drivers. --- ### 3. Pin Configuration (SOP-8) In a standard SOP-8 Dual N-Channel configuration like the AP4800, the pins are usually mapped as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **S1** | Source of MOSFET 1 | | 2 | **G1** | Gate of MOSFET 1 | | 3 | **S2** | Source of MOSFET 2 | | 4 | **G2** | Gate of MOSFET 2 | | 5, 6 | **D2** | Drain of MOSFET 2 | | 7, 8 | **D1** | Drain of MOSFET 1 | --- ### 4. Typical Applications Because of its dual-channel nature and 30V rating, it is frequently found in: 1. **Notebook PC Power Management:** Battery charging and DC-DC conversion. 2. **LCD Monitor Inverters:** Used in CCFL or LED backlight driving circuits. 3. **Load Switching:** Acting as an electronic switch to turn peripheral power rails on/off. 4. **Motor Control:** Small DC motor drivers where two N-channels can form half of an H-bridge. --- ### 5. Equivalent/Replacement Considerations If looking for a replacement, one must ensure the $V_{DSS}$ (30V), $I_D$ (~7A), and $R_{DS(on)}$ (~25mΩ) are matched or exceeded (lower resistance is better), and the package must remain **SOP-8**. Common substitutes include parts from the **AO4800** series.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for an SOP-8 MOSFET like the AP4800AGM?
    • ⤷ How does the 'Halogen-Free' designation impact PCB manufacturing?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller GPIO?