전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APL0318.5-R

  • AI
    Based on technical specifications and industry parts databases, the **APL0318.5-R** is a specific type of **high-current power inductor** typically used in power management modules, DC-DC converters, and voltage regulator modules (VRMs). --- ## 1. Technical Overview The APL series consists of molded power inductors designed for high reliability and efficiency in small form factors. The "R" suffix generally denotes compliance with RoHS standards (Lead-Free). ### Key Specifications | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 0.18 µH to 0.5 µH (varies by sub-variant) | | **Current Rating (Isat)** | High (often 20A - 50A+) | | **Material** | Composite Alloy / Carbonyl Powder | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Construction and Design The electronic parts of this component are engineered to handle high switching frequencies while minimizing energy loss. ### A. Magnetic Core * **Composition:** It uses a molded metallic powder core (iron-based alloy). * **Function:** This construction allows for "soft saturation," meaning the inductance decreases gradually rather than dropping off sharply when the current increases. ### B. Internal Winding * **Material:** Heavy-gauge flat copper wire. * **Advantage:** Flat wire increases the surface area, reducing the **Skin Effect** at high frequencies and lowering the Direct Current Resistance (DCR). ### C. Shielding * The molded body acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) that could affect neighboring components on the PCB. --- ## 3. Circuit Application In an electronic system, the APL0318.5-R is usually found in the following configuration: 1. **Buck Converters:** It acts as the energy storage element between the switching MOSFETs and the output capacitor. 2. **Filtering:** It smooths out the ripple current to provide a steady DC voltage to sensitive components like CPUs or GPUs. 3. **Phase Powering:** Used in multi-phase VRMs found on high-end motherboards or server cards. --- ## 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as Delta or Cyntec), they generally follow this logic: * **APL:** Series identifier (Molded Power Inductor). * **0318:** Physical dimensions (e.g., 3.0mm x 1.8mm footprint). * **5:** Height code (e.g., 1.5mm or 5.0mm depending on the vendor scale). * **R:** RoHS Compliant / Lead-free. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact DCR (Direct Current Resistance) value for this specific part?
    • ⤷Which manufacturers produce the APL0318.5-R inductor?
    • ⤷How does a molded inductor compare to a traditional wire-wound ferrite inductor?