전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APL1515-R_13

  • AI
    The **APL1515-R_13** is a member of the APL1515 family of **Low Dropout (LDO) Linear Regulators**. These components are specifically designed to provide a stable output voltage from a higher input voltage with very low power loss. --- ### ## 1. Key Specifications The "13" suffix usually denotes a specific fixed output voltage or packaging variant. In the standard APL1515 series nomenclature, this often refers to a **1.3V fixed output** or a specific revision code. | Parameter | typical Value | | :--- | :--- | | **Output Type** | Fixed (1.3V) | | **Maximum Output Current** | 150mA to 300mA (model dependent) | | **Input Voltage Range** | 2.5V to 6.0V | | **Dropout Voltage** | ~300mV @ full load | | **Quiescent Current** | ~50µA | | **Package Type** | SOT-23, SOT-89, or SOT-223 | --- ### ## 2. Core Features The APL1515 series is known for its protection circuitry and efficiency in portable electronics: * **Low Dropout (LDO):** Operates effectively even when the input voltage is only slightly higher than the output voltage. * **Thermal Overload Protection:** Automatically shuts down the device if the internal junction temperature exceeds safety limits (typically >150°C). * **Current Limiting:** Protects both the LDO and the downstream circuit from short circuits or excessive current draw. * **Stability:** Designed to be stable even with low-ESR ceramic capacitors, which saves board space. --- ### ## 3. Typical Application Circuit In a standard design, the APL1515 requires very few external components. ```mermaid Input Voltage (Vin) ----[ C1 (1uF) ]----( Pin 1: VIN ) ( Pin 2: GND )---- Ground Output Voltage (Vout)---[ C2 (1uF) ]----( Pin 3: VOUT) ``` ### ## 4. Usage Scenarios * **Battery Powered Devices:** Due to low quiescent current, it preserves battery life in standby mode. * **Reference Voltages:** Providing stable 1.3V for microprocessors or sensors. * **Noise Sensitive Circuits:** Linear regulators provide much "cleaner" power compared to switching regulators (Buck converters). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the SOT-23 version of the APL1515?
    • ⤷ How does the APL1515 compare to the popular AMS1117 regulator?
    • ⤷ What is the maximum power dissipation calculation for this part?