전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APL1945.3-R

  • AI
    The **APL1945.3-R** is a specific integrated circuit (IC) primarily used in the power management stages of modern electronics, most notably within Apple devices (such as iPhones and iPads). It belongs to a class of chips known as **Power Management Integrated Circuits (PMICs)** or high-performance Voltage Regulators. --- ## Technical Overview The APL1945.3-R is designed to handle complex power distribution tasks. In mobile architecture, the battery provides a raw voltage that is too high or unstable for sensitive components like the CPU or RAM. This IC steps down and stabilizes that power. ### Key Specifications and Features | Feature | Description | | :--- | :--- | | **Component Type** | Power Management IC / Voltage Regulator | | **Package Type** | BGA (Ball Grid Array) - High density mounting | | **Application** | Logic boards for mobile devices | | **Function** | DC-to-DC conversion, sequencing, and power protection | | **Manufacturer** | Designed/Contracted by Apple (Often manufactured by TSMC or Dialog) | --- ## Internal Functional Parts While the internal schematic is proprietary, the APL1945 series typically consists of the following electronic sub-sections: ### 1. Buck Regulators (Step-Down) These are the most critical parts of the chip. They convert the higher battery voltage (approx. 3.8V) down to lower voltages required by the processor (often 0.8V to 1.1V). They use high-speed switching to maintain efficiency. ### 2. LDOs (Low-Dropout Regulators) For components that require "clean" power with very little electrical noise (such as cameras or audio circuits), the chip includes several LDOs. These are less efficient than Buck regulators but provide much smoother voltage. ### 3. Power Sequencing Logic Mobile processors require power rails to be turned on in a specific order (e.g., RAM must be powered before the CPU cores). The APL1945 contains logic gates and timers to manage this startup sequence. ### 4. Thermal and Overcurrent Protection The chip monitors its own temperature and the current draw of the connected components. If a short circuit is detected on the motherboard, the APL1945 will shut down to prevent a fire or further hardware damage. --- ## Common Failure Symptoms When this specific part fails on a logic board, the device typically exhibits the following behavior: * **No Power:** The device stays completely dead and does not draw current from a charger. * **Partial Shorts:** The device gets very hot in one specific area near the CPU. * **Boot Looping:** The device starts to turn on but crashes when the PMIC fails to provide the "Power Good" signal. ---
    ✨ Follow-up Questions
    • ⤷ What are the common tools required to replace a BGA chip like the APL1945?
    • ⤷ How does a PMIC differ from a standard linear voltage regulator?
    • ⤷ Which specific iPhone models utilize the APL1945 series chips?