전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APLS0542.5-R

  • AI
    The **APLS0542.5-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Air Core Inductor**. These components are widely used in Radio Frequency (RF) and high-frequency communication circuits due to their high "Q" factor and stability. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the technical breakdown is as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Air Core Inductor (Spring Coil) | | **Inductance** | 42.5 nH (Nanohenries) | | **Tolerance** | Usually ±2% or ±5% | | **Current Rating** | High current handling (relative to chip inductors) | | **Mounting Type** | Surface Mount (SMD) with "flat top" for pick-and-place | | **Package Size** | 05 size (specific footprint for the APLS series) | --- ### 2. Physical Construction * **Air Core:** Unlike traditional inductors that use a ferrite or iron core, this part has a hollow center. This eliminates core losses and saturation issues, making it ideal for high-frequency signals. * **Coating:** Often features a high-temperature acrylic or epoxy cap on the top surface to allow automated vacuum pick-and-place nozzles to handle the part. * **Terminations:** Leads are usually tin-plated (Pb-free) to ensure excellent solderability and RoHS compliance. --- ### 3. Electronic Functions and Applications The APLS0542.5-R serves specific roles in high-performance electronics: #### A. RF Tuning and Matching Used in the matching networks of power amplifiers (PAs) and antennas to ensure maximum power transfer and minimize signal reflection. #### B. Filter Design Its high Quality Factor (Q) makes it excellent for bandpass, high-pass, and low-pass filters where sharp frequency cutoff and low insertion loss are required. #### C. Common Applications: * **Telecommunications:** Base stations and cellular infrastructure. * **Consumer Electronics:** High-end Wi-Fi routers and satellite receivers. * **Military/Aerospace:** Radar systems and high-frequency communication modules. --- ### 4. Advantages 1. **High Q Factor:** Offers much lower DC resistance (DCR) compared to multilayer ceramic inductors. 2. **SRF (Self-Resonant Frequency):** Extremely high SRF, allowing the part to operate effectively into the GHz range. 3. **Thermal Stability:** Excellent performance stability across a wide temperature range due to the lack of magnetic core material.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the APLS0542.5-R?
    • ⤷ How does an air core inductor differ from a ferrite core inductor in RF circuits?
    • ⤷ What are the recommended soldering profiles for this SMD component?