전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APLS0681.5-R

  • AI
    The **APLS0681.5-R** is a specific type of electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are fundamental in managing electrical current and filtering noise in power management circuits. --- ## 1. Component Overview The APLS series (specifically the 0681.5-R) is designed for high-efficiency power conversion. Below are the primary technical characteristics: ### Technical Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 1.5 µH | The ability to store energy in a magnetic field. | | **Size Code** | 0680 / 06 series | Refers to the physical footprint (approx. 6mm x 6mm). | | **Tolerance** | ±20% | Standard deviation from the nominal inductance. | | **Mounting Type** | SMD/SMT | Surface Mount Technology for PCB assembly. | | **Core Material** | Composite/Metal Alloy | Usually utilizes a molded metal powder for high saturation. | --- ## 2. Key Electronic Features Inductors like the APLS0681.5-R possess specific physical properties that dictate their performance: * **High Saturation Current ($I_{sat}$):** Because it likely uses a metal powder core, it can handle high peak currents without the inductance dropping significantly. * **Low DC Resistance (DCR):** Designed with thick copper windings to minimize power loss as heat, increasing overall device efficiency. * **Shielded Construction:** The molded design provides magnetic shielding, which reduces Electromagnetic Interference (EMI) with neighboring components on the PCB. --- ## 3. Common Applications This part is commonly found in the following electronic modules: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators. 2. **Consumer Electronics:** Found in laptops, tablets, and smartphones to manage CPU/GPU power phases. 3. **LED Drivers:** Used to stabilize current flowing through high-brightness LEDs. 4. **Automotive Infotainment:** Provides noise filtering for onboard computer systems. --- ## 4. Typical Footprint (Dimensions) While exact dimensions can vary slightly by manufacturer (e.g., Cyntec, Allied Components), the "06" series generally follows these metrics: ```markdown Length: ~6.6 mm Width: ~6.4 mm Height: ~1.5 mm to 4.0 mm (The "1.5" in the part number often refers to height) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for the APLS0681.5-R?
    • ⤷ How does a metal composite inductor differ from a ferrite core inductor?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?