전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APLS2340-R

  • AI
    ## Analysis of the APLS2340-R The **APLS2340-R** is a specific electronic component typically categorized as a **low-profile, surface-mount (SMD) tact switch** or a **push-button detector switch**, often manufactured by companies like **ALPS Alpine** (though part number variations exist across manufacturers). These are commonly used in mobile devices, wearables, and high-density consumer electronics. --- ### 1. Key Technical Specifications The following table highlights the typical electronic and mechanical characteristics of the APLS2340-R series: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | SPST (Single Pole Single Throw), Normally Open | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Operating Force** | 1.0N to 1.6N (Newton) | | **Contact Resistance** | 100 mΩ (Max) | | **Insulation Resistance** | 100 MΩ (Min) at 100V DC | | **Switching Voltage** | 12V DC (Max) | | **Switching Current** | 50mA (Max) | | **Operating Life** | 100,000 cycles (minimum) | --- ### 2. Physical Characteristics The "R" suffix often denotes **Tape and Reel** packaging, intended for automated pick-and-place assembly lines. * **Compact Footprint:** Designed for PCB areas where vertical space is extremely limited. * **Actuator Style:** Usually features a flat or slightly raised plunger for side-actuation or top-actuation depending on the specific sub-series. * **Materials:** High-temperature plastic housing to withstand reflow soldering temperatures. --- ### 3. Application Areas Because of its small size and reliability, the APLS2340-R is found in: 1. **Consumer Electronics:** Volume buttons or power buttons on smartphones and tablets. 2. **Wearables:** Function switches in smartwatches or fitness trackers. 3. **Peripheral Devices:** Reset buttons or pairing buttons in TWS earbuds and Bluetooth controllers. 4. **Medical:** Portable diagnostic tools that require a small UI interface. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as a simple momentary contact switch: ```text [Pin 1] ----/ ---- [Pin 2] Switch ``` *When the actuator is pressed, the circuit closes (shorted); when released, the circuit opens.* ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the APLS2340-R PCB layout?
    • ⤷ Are there waterproof (IP-rated) versions of this specific switch?
    • ⤷ What is the recommended reflow soldering profile for this component?