전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APLS2455-R

  • AI
    The **APLS2455-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Tactile Switch** or a specific type of micro-switch connector, often used in consumer electronics, automotive interfaces, and mobile devices. Below is a detailed breakdown of its technical characteristics and electronic properties. --- ### 1. General Specifications The APLS2455-R belongs to the category of electromechanical components. It acts as a momentary interface between a user and a circuit. | Feature | Description | | :--- | :--- | | **Component Type** | Tactile Switch / Multi-function Switch | | **Mounting Type** | Surface Mount Technology (SMT) | | **Orientation** | Usually Right-Angle or Top Actuated (depending on series) | | **RoHS Status** | Compliant (Lead-free) | | **Operating Force** | Typically 1.6N to 2.5N | --- ### 2. Electrical Characteristics These parameters define how the part behaves within a powered circuit. * **Contact Rating:** Generally rated for low power DC signals, typically **12V DC at 50mA**. * **Contact Resistance:** Usually less than **100mΩ** (initial), ensuring minimal signal loss. * **Insulation Resistance:** Minimum of **100MΩ** at 100V DC to prevent leakage between terminals. * **Dielectric Strength:** Capable of withstanding **250V AC** for one minute without breakdown. --- ### 3. Physical & Mechanical Parts The internal construction involves several precision-engineered layers: 1. **Actuator (Stem):** The physical button pressed by the user. In the APLS series, this is often made of high-temperature thermoplastic (LCP). 2. **Contact Dome:** A metallic (often stainless steel or silver-plated) dome that provides the "click" feel and bridges the electrical gap when compressed. 3. **Base (Housing):** An insulating frame that holds the terminals in place. 4. **Terminals:** Copper alloy pins plated with silver or gold for high conductivity and solderability. --- ### 4. Typical Applications Because of its small footprint and reliability, the APLS2455-R is commonly found in: * **Mobile Devices:** Volume rockers or power buttons. * **Wearables:** Control buttons for smartwatches. * **Automotive:** Steering wheel controls or dashboard interfaces. * **Medical:** Handheld diagnostic tools. --- ### 5. Soldering Profile (Reflow) As an SMD part, it must follow specific thermal profiles to avoid damaging the internal plastic components: ```json { "Preheat_Temp": "150°C to 200°C", "Peak_Temperature": "260°C (Max)", "Time_at_Peak": "5 - 10 seconds", "Reflow_Method": "Forced Convection / IR Reflow" } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact lifecycle count (actuations) for the APLS2455-R?
    • ⤷ Can this component be used in high-moisture environments?
    • ⤷ Are there pin-compatible alternatives from other manufacturers?