전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APLS2545-R

  • AI
    ## Analysis of the APLS2545-R The **APLS2545-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and medical devices to provide user input through a physical "click" sensation. --- ### 1. Key Technical Specifications Below are the typical technical parameters for a tactile switch in this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Actuation Force** | 160gf to 250gf (Commonly 160gf) | | **Operating Life** | 100,000 to 500,000 cycles | | **Dimensions** | Approx. 2.5mm x 4.5mm (Footprint) | | **Contact Resistance** | < 100 mΩ | | **Voltage/Current Rating** | 12V DC, 50mA | --- ### 2. Internal Electronic Structure The APLS2545-R operates on a simple mechanical-to-electrical connection principle: 1. **The Dome (Metal Contact):** The heart of the switch. When pressed, the dome collapses (creating the "click") and bridges two internal traces. 2. **Housing:** Made of high-temperature plastic (LCP or Nylon) to withstand reflow soldering temperatures. 3. **Terminals:** Copper alloy plated with silver or gold for high conductivity and oxidation resistance. 4. **Cover/Actuator:** The top part that the user presses, usually protected by a metal cover plate. --- ### 3. Common Applications Due to its small footprint (2.5x4.5mm), this part is ideal for high-density PCB designs: * **Mobile Devices:** Power buttons, volume rockers, and reset switches. * **Wearables:** Smartwatches and fitness trackers. * **Consumer Electronics:** Remote controls, cameras, and handheld gaming consoles. * **Peripheral Devices:** Computer mice and keyboard function keys. --- ### 4. Circuit Diagram Representation In an electronic schematic, the APLS2545-R is represented as a simple open switch: ```text (Input) ----o / o---- (Output/MCU Pin) | / Switch ``` When the button is pressed, the circuit is closed, allowing a logic signal (High or Low) to pass to a Microcontroller (MCU).
    ✨ Follow-up Questions
    • ⤷ What is the exact height of the APLS2545-R variant?
    • ⤷ Can you provide the recommended PCB landing pattern for this switch?
    • ⤷ What are the soldering temperature requirements for this SMD part?