전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • APM32E103CET6-R

  • AI
    ## Overview of APM32E103CET6-R The **APM32E103CET6-R** is a high-performance, 32-bit microcontroller based on the **ARM® Cortex®-M3** core. Manufactured by Geehy Semiconductor, it is designed as an enhanced alternative to the STM32F103 series, offering higher operating frequencies and expanded memory options. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **SRAM** | 128 KB | | **Operating Voltage** | 2.0V ~ 3.6V | | **Package** | LQFP64 | | **Operating Temp** | -40°C ~ +105°C (Industrial Grade) | --- ### Core Electronic Components & Features The internal architecture consists of several specialized blocks that handle processing, power management, and communication: #### 1. Processing and Memory * **Enhanced Speed:** Unlike standard Cortex-M3 chips that run at 72MHz, this "E" (Enhanced) version reaches **120 MHz**, providing more MIPS (Millions of Instructions Per Second). * **Memory Protection Unit (MPU):** Enhances system reliability by preventing applications from accessing memory assigned to other processes. #### 2. Communication Interfaces The chip is equipped with a robust set of peripherals for connecting to other electronic parts: * **UART/USART:** 5 ports for serial communication. * **I2C/SPI:** 2x I2C and 3x SPI for sensor and display interfacing. * **CAN Bus:** 1x CAN 2.0B active interface for automotive or industrial networking. * **USB:** USB 2.0 FS (Full Speed) device controller. #### 3. Analog-to-Digital Conversion (ADC) * **Dual ADCs:** Includes two 12-bit ADCs with up to 16 channels. * **Conversion Range:** 0 to 3.6V. * **Temperature Sensor:** Built-in internal sensor for monitoring chip thermal status. #### 4. Power Management * **Low Power Modes:** Supports Sleep, Stop, and Standby modes to extend battery life. * **RTC:** Real-Time Clock with a separate power domain for timekeeping even when the main system is powered down. --- ### Typical Application Circuit Requirements To integrate the APM32E103CET6-R into a PCB, the following external electronic parts are typically required: 1. **Decoupling Capacitors:** Usually 0.1µF ceramic capacitors for each $V_{DD}$ pin to filter noise. 2. **Crystal Oscillators:** * HSE (High-Speed External): 4MHz to 16MHz. * LSE (Low-Speed External): 32.768kHz for the RTC. 3. **Reset Circuit:** A simple RC network (typically 10kΩ resistor and 0.1µF capacitor) to the NRST pin. 4. **Boot Pins:** Resistors to pull BOOT0/BOOT1 high or low to select the boot mode (Flash, System Memory, or SRAM). --- ### Use Cases * **Industrial Control:** PLC (Programmable Logic Controllers) and motor control. * **Smart Home:** IoT gateways and smart appliance controllers. * **Consumer Electronics:** Drones, hand-held scanners, and GPS units.
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the APM32E103 and the STM32F103?
    • ⤷ How do I configure the clock tree to reach the maximum 120MHz frequency?
    • ⤷ Which IDEs and debugging tools support the APM32 series?