APT34M60B
AI

The **APT34M60B** is a high-voltage, high-performance N-Channel MOSFET designed by Microsemi (now part of Microchip Technology). It is primarily used in power conversion applications due to its high efficiency and rugged design.
---
### ## Technical Specifications
The core electrical characteristics define how this component handles power and heat.
| Parameter | Specification |
| :--- | :--- |
| **Drain-to-Source Voltage ($V_{DSS}$)** | 600V |
| **Continuous Drain Current ($I_D$)** | 34A (at $T_C = 25^\circ C$) |
| **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | 0.18 $\Omega$ (Max) |
| **Total Gate Charge ($Q_g$)** | 165 nC |
| **Power Dissipation ($P_D$)** | 500W |
| **Package Type** | TO-247 |
---
### ## Key Features
1. **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, which is critical for maintaining high energy efficiency in power supplies.
2. **High Voltage Rating:** The 600V breakdown voltage allows it to be used in industrial power grids and off-line applications.
3. **Fast Switching:** Optimized gate charge characteristics allow for high-frequency operation, reducing the size of passive components like inductors and capacitors.
4. **Avalanche Ruggedness:** Designed to withstand high energy spikes (UIS - Unclamped Inductive Switching) without immediate failure.
---
### ## Pin Configuration
The APT34M60B typically follows the standard TO-247 pinout:
1. **Gate (G):** Controls the switching of the MOSFET.
2. **Drain (D):** Connected to the high voltage load.
3. **Source (S):** Connected to the common or return path.
---
### ## Typical Applications
Due to its high current and voltage capacity, this MOSFET is commonly found in:
* **Switch Mode Power Supplies (SMPS):** For AC-to-DC conversion.
* **PFC (Power Factor Correction):** Improving electrical efficiency in industrial equipment.
* **Uninterruptible Power Supplies (UPS):** Managing battery-to-AC power conversion.
* **Solar Inverters:** Converting DC energy from solar panels into grid-compatible AC.
---
### ## Selection Considerations
When designing with the APT34M60B, engineers must prioritize **thermal management**. Because it can dissipate up to 500W of power, a substantial heatsink and potentially active cooling (fans) are required to prevent thermal runaway.
- ⤷
What are the recommended gate driver requirements for the APT34M60B?
- ⤷ How does the RDS(on) change with temperature for this specific MOSFET?
- ⤷ What are the primary differences between the APT34M60B and its 'L' package variant?