전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ARB-4122-R

  • AI
    The **ARB-4122-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) RF Balun Transformer**. These parts are primarily used in radio frequency (RF) circuits to convert signals between balanced and unbalanced states. --- ### Technical Specifications Below are the general characteristics typically associated with this part number: | Feature | Description | | :--- | :--- | | **Component Type** | RF Balun Transformer | | **Impedance Ratio** | 1:1 or 1:4 (Commonly used for impedance matching) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Frequency Range** | Typically HF, VHF, and UHF bands (5 MHz to 1000 MHz+) | | **Configuration** | Flux Coupled or Transmission Line | --- ### Core Electronic Functions The ARB-4122-R performs three primary functions within an electronic assembly: 1. **Balanced/Unbalanced Conversion**: It bridges the gap between an unbalanced line (like a coaxial cable) and a balanced line (like a dipole antenna or differential amplifier). 2. **Impedance Matching**: It ensures that the source impedance matches the load impedance to maximize power transfer and minimize signal reflection (VSWR). 3. **DC Isolation**: In many configurations, it provides galvanic isolation between the input and output stages, protecting sensitive RF ICs from DC surges. ### Common Applications * **CATV/Broadband**: Used in set-top boxes and cable modems for signal distribution. * **Wireless Communication**: Integrated into the front-end modules of transceivers. * **Mixers and Amplifiers**: Used to provide differential signals to high-linearity mixers. --- ### Physical Characteristics The "R" suffix in the part number often denotes **RoHS compliance** (Restriction of Hazardous Substances) or indicates that the part is supplied on a **Tape and Reel** for automated pick-and-place assembly. * **Lead Finish**: Tin-plated or Gold-flashed leads for reliable soldering. * **Housing**: Ceramic or plastic molded case designed to withstand high-temperature reflow soldering.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the ARB-4122-R?
    • ⤷ How does the 1:1 impedance ratio differ from the 1:4 ratio in RF circuits?
    • ⤷ What are the footprint dimensions for this SMD component?