전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AS-32-R

  • AI
    The **AS-32-R** is typically categorized as a **Piezoelectric Audio Indicator (Buzzer)**. It is designed to produce a consistent audible tone when a DC voltage is applied. Unlike a simple transducer, an "indicator" has internal circuitry that generates the oscillation frequency. --- ### 1. Key Technical Specifications The following table summarizes the typical electronic characteristics found in the AS-32-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 12V DC | | **Operating Voltage** | 3 - 28V DC | | **Current Consumption** | Max 10 - 15mA | | **Sound Pressure Level (SPL)** | 85 - 90 dB at 30cm | | **Resonant Frequency** | 2,800Hz ± 500Hz | | **Tone Type** | Continuous | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Internal Electronic Components The AS-32-R is more than just a metal plate; it contains a small integrated circuit (IC) or transistor-based oscillator: * **Piezoelectric Diaphragm:** A ceramic layer bonded to a metal (brass or stainless steel) plate. It expands and contracts physically when voltage is applied. * **Oscillator Circuit:** Internal PCB components that convert DC power into a square wave at the diaphragm’s resonant frequency. * **Housing/Resonator:** The plastic casing acts as an acoustic chamber to amplify the sound waves produced by the diaphragm. --- ### 3. Connection and Implementation Because the AS-32-R is a **DC-driven indicator**, it is very simple to integrate into electronic circuits: #### A. Basic Wiring * **Red Wire/Terminal (+):** Connect to the positive DC rail. * **Black Wire/Terminal (-):** Connect to the Ground (GND). #### B. Driving with a Microcontroller (MCU) Since the current draw (approx. 12mA) is relatively low, some high-power GPIO pins can drive it directly. However, using a transistor is the "best practice" to prevent damage to the MCU. ```cpp // Example: Simple Arduino Trigger int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Sound ON delay(1000); digitalWrite(buzzerPin, LOW); // Sound OFF delay(1000); } ``` --- ### 4. Applications * **Alarm Systems:** Fire or security panels. * **Industrial Equipment:** Control panel status indicators. * **Consumer Electronics:** Timer alerts or microwave beepers. * **Automotive:** Seatbelt or door ajar reminders.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an indicator like the AS-32-R and a piezo transducer?
    • ⤷ How can I adjust the volume of the AS-32-R using hardware?
    • ⤷ What are the mounting options available for this specific model?