전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AS-G5-R

  • AI
    The **AS-G5-R** typically refers to a high-performance **Magnetic Sensor (Gear Tooth Sensor)** or a specific **Industrial Controller module** depending on the manufacturer (most commonly associated with brands like *Asahi Kasei* or industrial automation suppliers). Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ## 1. Core Technical Specifications These parts are designed for precision sensing in harsh environments. | Feature | Specification (Typical) | Function | | :--- | :--- | :--- | | **Supply Voltage** | 4.5V – 24V DC | Power requirement for internal logic | | **Output Type** | Open Collector (NPN/PNP) | Digital signal interfacing | | **Operating Temp** | -40°C to +150°C | High-temperature resilience | | **Switching Freq** | Up to 20 kHz | High-speed rotation monitoring | | **Housing Material** | Stainless Steel or PBT | Protection against oils and debris | --- ## 2. Key Internal Electronic Components The AS-G5-R functions using a combination of magnetic and semiconductor elements: ### A. Hall Effect Element The "heart" of the sensor. It detects changes in the magnetic field as gear teeth pass the sensor face. It converts physical movement into a voltage differential. ### B. Differential Amplifier Since the signal from the Hall element is very weak (millivolts), an internal operational amplifier (Op-Amp) boosts the signal to a level that can be processed. ### C. Schmitt Trigger To prevent "chatter" or false signals from vibration, a Schmitt Trigger circuit is used. It provides **hysteresis**, ensuring a clean "High" or "Low" digital output. ### D. Output Transistor Usually an NPN transistor that acts as a switch. When a gear tooth is detected, the transistor saturates, pulling the output signal to the ground (Sink). --- ## 3. Wiring Configuration The device usually features a 3-wire system: 1. **Brown (VCC):** Positive power supply. 2. **Blue (GND):** Common ground. 3. **Black (OUT):** Signal output (requires a pull-up resistor if using an Open Collector). --- ## 4. Common Applications * **Engine Timing:** Measuring crankshaft or camshaft speed. * **ABS Systems:** Monitoring wheel speed for anti-lock braking. * **Industrial Automation:** Counting pulses from a rotating gear to calculate conveyor speed. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NPN and PNP output in the AS-G5-R?
    • ⤷ Does this sensor require an external magnet to function with gear teeth?
    • ⤷ How do I calculate the RPM based on the pulse output of this sensor?