AI

### AS01508MS-SC11-WP-R Component Overview
The **AS01508MS-SC11-WP-R** is a high-performance, miniature waterproof speaker manufactured by **PUI Audio**. It is part of their "Mobile Series" and is specifically designed for high-fidelity audio output in compact, rugged environments.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dynamic Speaker (Moving Coil) |
| **Impedance** | 8 Ohms ± 15% |
| **Power Rating (Rated/Max)** | 0.8W / 1.0W |
| **Sound Pressure Level (SPL)** | 86 ± 3 dB @ 0.1W/0.1M |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Resonant Frequency (Fs)** | 500 Hz ± 20% |
| **IP Rating** | IP67 (Dust tight and Water immersion) |
| **Dimensions** | 15mm x 11mm x 3.9mm |
---
### Key Features and Construction
* **Waterproof Protection:** The "WP" in the part number denotes its **IP67 rating**. This is achieved through a specialized synthetic diaphragm and internal gaskets that prevent water ingress without significantly dampening sound quality.
* **Magnet Material:** Utilizes high-strength **NdFeB (Neodymium)** magnets, which allow for a high power-to-size ratio, providing loud output in a very thin profile.
* **Connection Method:** Features **Solder Pads** for secure electrical termination.
* **Compact Footprint:** At only 3.9mm thick, it is ideal for modern handheld electronics where internal space is at a premium.
---
### Common Applications
1. **Handheld Devices:** Two-way radios, scanners, and ruggedized smartphones.
2. **IoT & Wearables:** Smart watches or outdoor sensors that require audible alerts.
3. **Medical Devices:** Portable monitoring equipment that needs to be cleaned/sanitized.
4. **Industrial Equipment:** Control panels exposed to moisture or outdoor environments.
---
### Driving the Component
To integrate this speaker into a circuit, a small Class D audio amplifier is typically recommended for efficiency.
```cpp
// Conceptual pseudo-code for generating a simple alert tone
void playAlert(int pin, int frequency, int duration) {
tone(pin, frequency); // Generate square wave to drive the speaker
delay(duration); // Play for specified time
noTone(pin); // Stop signal
}
```
- ⤷
What are the mounting recommendations for maintaining the IP67 seal?
- ⤷ How does this speaker compare to the AS01508MS-SC11-R (non-WP version)?
- ⤷ What is the recommended Class D amplifier to pair with an 8 Ohm 1W speaker?