AS01608MS-SC9-WP-R
AI

The **AS01608MS-SC9-WP-R** is a specialized micro-speaker manufactured by **PUI Audio**. It is designed for compact electronic devices requiring water resistance and high-quality sound output in a small footprint.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Transducer Type** | Dynamic (Moving Coil) |
| **Impedance** | 8 Ohms ± 15% |
| **Power Rating** | 0.8W (Nominal) / 1.0W (Max) |
| **Sound Pressure Level (SPL)** | 88 dB ± 3dB @ 0.1W/0.1M |
| **Resonant Frequency (Fo)** | 550 Hz ± 20% |
| **Frequency Range** | 550 Hz ~ 20,000 Hz |
| **Ingress Protection** | IP67 (Dust tight and Waterproof) |
| **Dimensions** | 16mm x 8mm x 3.7mm |
---
### 2. Physical Design Features
* **Form Factor:** It features a rectangular, "slim-line" design, making it ideal for integration into modern, thin electronics where circular speakers cannot fit.
* **Material Construction:**
* **Diaphragm:** Typically made of PEEK (Polyether ether ketone) or similar high-performance polymers to withstand moisture.
* **Magnet:** Uses high-energy **Neodymium (NdFeB)** magnets to maximize output while minimizing weight.
* **Connectivity:** The "SC" in the part number often denotes **Spring Contacts** (Gold-plated), allowing for solderless assembly onto a PCB.
---
### 3. Special Designations
The suffix of the part number provides critical information regarding its environmental capabilities:
* **WP (Waterproof):** This indicates the speaker is designed with a waterproof membrane. It carries an **IP67 rating**, meaning it can be submerged in 1 meter of water for up to 30 minutes without damage.
* **R (RoHS):** Compliant with environmental standards for restricted hazardous substances.
---
### 4. Common Applications
Due to its ruggedized and compact nature, this part is commonly used in:
1. **Wearables:** Smartwatches and fitness trackers.
2. **Handheld Devices:** Industrial scanners or GPS units used outdoors.
3. **Medical Devices:** Portable monitors that require easy cleaning and disinfection.
4. **IoT Sensors:** Smart home devices located in kitchens or bathrooms.
---
- ⤷How do spring contacts (SC) compare to lead wires for speaker mounting?
- ⤷ What are the specific mounting requirements to maintain the IP67 waterproof rating?
- ⤷ Are there similar alternatives with higher power ratings in the same size?