AI

The **AS05708PR-2-WR-R** is a high-performance, water-resistant micro speaker manufactured by **PUI Audio**. It is designed for applications requiring reliable audio output in challenging environments.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms (±15% at 1.0 kHz) |
| **Power Rating** | 2 Watts (Nominal) / 3 Watts (Maximum) |
| **Sound Pressure Level (SPL)** | 86 dB ± 3dB @ 1W/0.5M |
| **Frequency Range** | 300 Hz ~ 20,000 Hz |
| **Resonant Frequency (Fo)** | 500 Hz ± 20% |
| **Ingress Protection** | IP65 (Water Resistant) |
| **Dimensions** | 57mm x 57mm x 25.5mm |
---
### ### Key Electronic Components & Materials
The internal construction of the AS05708PR-2-WR-R consists of several critical parts that work together to produce sound:
1. **Voice Coil:** A precision-wound copper wire that creates an electromagnetic field when an audio signal (AC current) is passed through it.
2. **Magnet (NdFeB):** Uses a high-strength Neodymium magnet to provide a stable magnetic field, allowing for high sensitivity in a compact form factor.
3. **Diaphragm/Cone:** Made of specialized water-resistant materials (likely treated paper or polymer) to allow for sound displacement while blocking moisture.
4. **Suspension (Spider & Surround):** Provides the mechanical "spring" that returns the cone to its neutral position, ensuring low distortion.
5. **Housing/Frame:** A robust metal or high-grade plastic frame that provides structural integrity and mounting points.
---
### ### Usage and Connectivity
* **Wiring:** The "WR" in the part number indicates it comes with **Lead Wires** pre-attached, simplifying the integration into a PCB or enclosure without the need for immediate soldering to the speaker terminals.
* **Protection:** The IP65 rating means it is protected against dust ingress and low-pressure water jets from any direction, making it ideal for outdoor kiosks, medical devices, or marine equipment.
---
### ### Frequency Response Curve (Typical)
While the raw data is numerical, the speaker follows a "mid-range" curve:
* **Low End:** Performance drops off sharply below 300Hz (not suitable for deep bass).
* **High End:** Maintains clarity up to 20kHz, making it excellent for voice alerts and melodic tones.
- ⤷What are the specific mounting requirements for an IP65 rated speaker?
- ⤷ How does an 8 Ohm impedance affect the choice of audio amplifier?
- ⤷ Are there smaller alternatives to the AS05708PR with similar water resistance?